Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24VL025/MNY Datasheet(PDF) 5 Page - Microchip Technology

Part # 24VL025/MNY
Description  2K I2C??Serial EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24VL025/MNY Datasheet(HTML) 5 Page - Microchip Technology

  24VL025/MNY Datasheet HTML 1Page - Microchip Technology 24VL025/MNY Datasheet HTML 2Page - Microchip Technology 24VL025/MNY Datasheet HTML 3Page - Microchip Technology 24VL025/MNY Datasheet HTML 4Page - Microchip Technology 24VL025/MNY Datasheet HTML 5Page - Microchip Technology 24VL025/MNY Datasheet HTML 6Page - Microchip Technology 24VL025/MNY Datasheet HTML 7Page - Microchip Technology 24VL025/MNY Datasheet HTML 8Page - Microchip Technology 24VL025/MNY Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
© 2009 Microchip Technology Inc.
DS22130A-page 5
24VL024/24VL025
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
2.1
SDA Serial Data
This is a bidirectional pin used to transfer addresses
and data into and out of the device. It is an open drain
terminal. Therefore, the SDA bus requires a pull-up
resistor to VCC (typical 10 k
Ω for 100 kHz, 2 kΩ for
400 kHz).
For normal data transfer, SDA is allowed to change
only during SCL low. Changes during SCL high are
reserved for indicating the Start and Stop conditions.
2.2
SCL Serial Clock
The SCL input is used to synchronize the data transfer
to and from the device.
2.3
A0, A1, A2
The A0, A1 and A2 inputs are used by the 24VL024/
24VL025 for multiple device operations. The levels on
these inputs are compared with the corresponding bits
in the slave address. The chip is selected if the
compare is true.
Up to eight 24VL024/24VL025 devices (four for the
SOT-23 package) may be connected to the same bus
by using different Chip Select bit combinations. These
inputs must be connected to either VCC or VSS.
In most applications, the chip address inputs A0, A1
and A2 are hard-wired to logic ‘0’ or logic ‘1’. For
applications in which these pins are controlled by a
microcontroller or other programmable device, the chip
address pins must be driven to logic ‘0’ or logic ‘1’
before normal device operation can proceed.
2.4
WP (24VL024 only)
WP is the hardware write-protect pin. It must be tied to
VCC or VSS. If tied to VCC, the hardware write protection
is enabled and will protect the entire array (00h-FFh). If
the WP pin is tied to VSS the hardware write protection
is disabled.
2.5
Noise Protection
The 24VL024/24VL025 employs a VCC threshold
detector circuit that disables the internal erase/write
logic if the VCC is below 1.0 volts at nominal conditions.
The SCL and SDA inputs have Schmitt Trigger and
filter circuits that suppress noise spikes to assure
proper device operation even on a noisy bus.
Name
8-pin
PDIP
8-pin
SOIC
8-pin
TSSOP
8-pin
MSOP
8-pin
TDFN
6-pin
SOT-23
Function
A0
11
11
15
User Configurable Chip Select
A1
22
22
24
User Configurable Chip Select
A2
3
3
3
3
3
—
User Configurable Chip Select
VSS
44
44
42
Ground
SDA
5
55
55
3
Serial Data
SCL
6
66
66
1
Serial Clock
WP
7
7
7
7
7
—
Write-Protect Input
VCC
88
88
86
+1.5V to 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com