Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24VL025/OT Datasheet(PDF) 3 Page - Microchip Technology

Part # 24VL025/OT
Description  2K I2C??Serial EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24VL025/OT Datasheet(HTML) 3 Page - Microchip Technology

  24VL025/OT Datasheet HTML 1Page - Microchip Technology 24VL025/OT Datasheet HTML 2Page - Microchip Technology 24VL025/OT Datasheet HTML 3Page - Microchip Technology 24VL025/OT Datasheet HTML 4Page - Microchip Technology 24VL025/OT Datasheet HTML 5Page - Microchip Technology 24VL025/OT Datasheet HTML 6Page - Microchip Technology 24VL025/OT Datasheet HTML 7Page - Microchip Technology 24VL025/OT Datasheet HTML 8Page - Microchip Technology 24VL025/OT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
© 2009 Microchip Technology Inc.
DS22130A-page 3
24VL024/24VL025
TABLE 1-2:
AC CHARACTERISTICS
AC CHARACTERISTICS
Electrical Characteristics:
VCC = +1.5V to 3.6V TA = -20°C to +85°C
Param.
No.
Symbol
Characteristic
Min.
Max.
Units
Conditions
1FCLK
Clock frequency
—
—
100
400
kHz
1.5V
≤ VCC < 1.8V
1.8V
≤ VCC ≤ 3.6V
2THIGH
Clock high time
4000
600
—
—
ns
1.5V
≤ VCC < 1.8V
1.8V
≤ VCC ≤ 3.6V
3TLOW
Clock low time
4700
1300
—
—
ns
1.5V
≤ VCC < 1.8V
1.8V
≤ VCC ≤ 3.6V
4TR
SDA and SCL rise time
(Note 1)
—
—
1000
300
ns
1.5V
≤ VCC < 1.8V
1.8V
≤ VCC ≤ 3.6V
5TF
SDA and SCL fall time
(Note 1)
—
—
1000
300
ns
1.5V
≤ VCC < 1.8V
1.8V
≤ VCC ≤ 3.6V
6THD:STA
Start condition hold time
4000
600
—
—
ns
1.5V
≤ VCC < 1.8V
1.8V
≤ VCC ≤ 3.6V
7TSU:STA
Start condition setup time
4700
600
—
—
ns
1.5V
≤ VCC < 1.8V
1.8V
≤ VCC ≤ 3.6V
8THD:DAT
Data input hold time
0
—
ns
(Note 2)
9TSU:DAT
Data input setup time
250
100
—
—
ns
1.5V
≤ VCC < 1.8V
1.8V
≤ VCC ≤ 3.6V
10
TSU:STO
Stop condition setup time
4000
600
—
—
ns
1.5V
≤ VCC < 1.8V
1.8V
≤ VCC ≤ 3.6V
11
TSU:WP
WP setup time (Note 5)
4000
600
—
—
ns
1.5V
≤ VCC < 1.8V
1.8V
≤ VCC ≤ 3.6V
12
THD:WP
WP hold time (Note 5)
4700
600
—
—
ns
1.5V
≤ VCC < 1.8V
1.8V
≤ VCC ≤ 3.6V
13
TAA
Output valid from clock
(Note 2)
—
—
3500
900
ns
1.5V
≤ VCC < 1.8V
1.8V
≤ VCC ≤ 3.6V
14
TBUF
Bus free time: Time the bus must
be free before a new transmis-
sion can start
4700
1300
—
—
ns
1.5V
≤ VCC < 1.8V
1.8V
≤ VCC ≤ 3.6V
15
TSP
Input filter spike suppression
(SDA and SCL pins)
—50
ns
(Note 1 and Note 3)
16
TWC
Write cycle time (byte or page)
—
5
ms
—
17
—
Endurance
1M
—
cycles
25°C, VCC = 3.6V, per page
(Note 4)
Note 1: Not 100% tested. CB = total capacitance of one bus line in pF.
2: As a transmitter, the device must provide an internal minimum delay time to bridge the undefined region
(minimum 300 ns) of the falling edge of SCL to avoid unintended generation of Start or Stop conditions.
3: The combined TSP and VHYS specifications are due to new Schmitt Trigger inputs, which provide improved
noise spike suppression. This eliminates the need for a TI specification for standard operation.
4: This parameter is not tested but ensured by characterization. For endurance estimates in a specific appli-
cation, please consult the Total Endurance™ Model which can be obtained from Microchip’s web site at
www.microchip.com.
5:
24VL024 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com