Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6561UT-E/OT Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP6561UT-E/OT
Description  1.8V Low Power Push-Pull Output Comparator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6561UT-E/OT Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP6561UT-E/OT Datasheet HTML 34Page - Microchip Technology MCP6561UT-E/OT Datasheet HTML 35Page - Microchip Technology MCP6561UT-E/OT Datasheet HTML 36Page - Microchip Technology MCP6561UT-E/OT Datasheet HTML 37Page - Microchip Technology MCP6561UT-E/OT Datasheet HTML 38Page - Microchip Technology MCP6561UT-E/OT Datasheet HTML 39Page - Microchip Technology MCP6561UT-E/OT Datasheet HTML 40Page - Microchip Technology MCP6561UT-E/OT Datasheet HTML 41Page - Microchip Technology MCP6561UT-E/OT Datasheet HTML 42Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
© 2009 Microchip Technology Inc.
DS22139B-page 39
MCP6561/1R/1U/2/4
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device
MCP6561T:
Single Comparator (Tape and Reel)
(SC70, SOT-23)
MCP6561RT:
Single Comparator (Tape and Reel)
(SOT-23 only)
MCP6561UT:
Single Comparator (Tape and Reel)
(SOT-23 only)
MCP6562:
Dual Comparator
MCP6562T:
Dual Comparator(Tape and Reel)
MCP6564:
Quad Comparator
MCP6564T:
Quad Comparator(Tape and Reel)
Temperature Range
E
=
-40°C to +125°C
Package
LT =
Plastic Small Outline Transistor (SC70), 5-lead
OT =
Plastic Small Outline Transistor, 5-lead
MS =
Plastic Micro Small Outline Transistor, 8-lead
SN =
Plastic Small Outline Transistor, 8-lead
ST =
Plastic Thin Shrink Small Outline Transistor, 14-lead
SL =
Plastic Small Outline Transistor, 14-lead
Examples:
a)
MCP6561T-E/LT:
Tape and Reel,
Extended Temperature,
5LD SC70 package.
b)
MCP6561T-E/OT:
Tape and Reel
Extended Temperature,
5LD SOT-23 package.
a)
MCP6561RT-E/OT: Tape and Reel
Extended Temperature,
5LD SOT-23 package.
a)
MCP6561UT-E/OT: Tape and Reel
Extended Temperature,
5LD SOT-23 package.
a)
MCP6562-E/MS:
Extended Temperature
8LD MSOP package.
b)
MCP6562-E/SN:
Extended Temperature
8LD SOIC package.
a)
MCP6564T-E/SL:
Tape and Reel
Extended Temperature
14LD SOIC package.
b)
MCP6564T-E/ST:
Tape and Reel
Extended Temperature
14LD TSSOP package.
PART NO.
X
/XX
Package
Temperature
Range
Device
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com