Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6L1RT Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP6L1RT
Description  2.8 MHz, 200 關A Op Amps
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6L1RT Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP6L1RT Datasheet HTML 11Page - Microchip Technology MCP6L1RT Datasheet HTML 12Page - Microchip Technology MCP6L1RT Datasheet HTML 13Page - Microchip Technology MCP6L1RT Datasheet HTML 14Page - Microchip Technology MCP6L1RT Datasheet HTML 15Page - Microchip Technology MCP6L1RT Datasheet HTML 16Page - Microchip Technology MCP6L1RT Datasheet HTML 17Page - Microchip Technology MCP6L1RT Datasheet HTML 18Page - Microchip Technology MCP6L1RT Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
© 2009 Microchip Technology Inc.
DS22135A-page 15
MCP6L1/1R/2/4
5.0
DESIGN AIDS
Microchip provides the basic design aids needed for
the MCP6L1/1R/2/4 family of op amps.
5.1
FilterLab® Software
Microchip’s FilterLab® software is an innovative
software tool that simplifies analog active filter (using
op amps) design. Available at no cost from the Micro-
chip web site at www.microchip.com/filterlab, the Filter-
Lab design tool provides full schematic diagrams of the
filter circuit with component values. It also outputs the
filter circuit in SPICE format, which can be used with
the macro model to simulate actual filter performance.
5.2
Microchip Advanced Part Selector
(MAPS)
MAPS is a software tool that helps efficiently identify
Microchip devices that fit a particular design require-
ment. Available at no cost from the Microchip website
at www.microchip.com/maps, the MAPS is an overall
selection tool for Microchip’s product portfolio that
includes Analog, Memory, MCUs and DSCs. Using this
tool, a customer can define a filter to sort features for a
parametric search of devices and export side-by-side
technical comparison reports. Helpful links are also
provided for Data sheets, Purchase and Sampling of
Microchip parts.
5.3
Analog Demonstration and
Evaluation Boards
Microchip offers a broad spectrum of Analog Demon-
stration and Evaluation Boards that are designed to
help customers achieve faster time to market. For a
complete listing of these boards and their correspond-
ing user’s guides and technical information, visit the
Microchip web site at www.microchip.com/analog
tools.
Some boards that are especially useful are:
• MCP6XXX Amplifier Evaluation Board 1
• MCP6XXX Amplifier Evaluation Board 2
• MCP6XXX Amplifier Evaluation Board 3
• MCP6XXX Amplifier Evaluation Board 4
• Active Filter Demo Board Kit
• P/N VSUPEV2: 5/6-Pin SOT-23 Evaluation Board
• P/N SOIC8EV: 8-Pin SOIC/MSOP/TSSOP/DIP
Evaluation Board
• P/N SOIC14EV: 14-Pin SOIC/TSSOP/DIP Evalu-
ation Board
5.4
Application Notes
The
following
Microchip
Application
Notes
are
available on the Microchip web site at www.microchip.
com/appnotes and are recommended as supplemental
reference resources.
ADN003: “Select the Right Operational Amplifier for
your Filtering Circuits”, DS21821
AN722: “Operational Amplifier Topologies and DC
Specifications”, DS00722
AN723: “Operational Amplifier AC Specifications and
Applications”, DS00723
AN884: “Driving Capacitive Loads With Op Amps”,
DS00884
AN990: “Analog Sensor Conditioning Circuits – An
Overview”, DS00990



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com