Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6L01UT-E/MS Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP6L01UT-E/MS
Description  1 MHz, 85 關A Op Amps
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6L01UT-E/MS Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP6L01UT-E/MS Datasheet HTML 11Page - Microchip Technology MCP6L01UT-E/MS Datasheet HTML 12Page - Microchip Technology MCP6L01UT-E/MS Datasheet HTML 13Page - Microchip Technology MCP6L01UT-E/MS Datasheet HTML 14Page - Microchip Technology MCP6L01UT-E/MS Datasheet HTML 15Page - Microchip Technology MCP6L01UT-E/MS Datasheet HTML 16Page - Microchip Technology MCP6L01UT-E/MS Datasheet HTML 17Page - Microchip Technology MCP6L01UT-E/MS Datasheet HTML 18Page - Microchip Technology MCP6L01UT-E/MS Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
© 2009 Microchip Technology Inc.
DS22140A-page 15
MCP6L01/1R/1U/2/4
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
5-Lead SC-70 (MCP6L01)
Example:
1
23
5
4
5-Lead SOT-23 (MCP6L01/1R/1U)
Example:
XXNN
1
23
5
4
VX25
XXNN
BK25
Device
Code
MCP6L01
VXNN
MCP6L01R
VYNN
MCP6L01U
VZNN
Note: Applies to 5-Lead SOT-23.
Device
Code
MCP6L01
BKNN
Note: Applies to 5-Lead SC-70.
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
8-Lead MSOP (MCP6L02)
Example:
XXXXXX
YWWNNN
6L02E
908256
8-Lead SOIC (150 mil) (MCP6L02)
Example:
XXXXXXXX
XXXXYYWW
NNN
MCP6L02E
SN^^0908
256
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com