Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6071T-E/SL Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP6071T-E/SL
Description  110 關A, High Precision Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6071T-E/SL Datasheet(HTML) 4 Page - Microchip Technology

  MCP6071T-E/SL Datasheet HTML 1Page - Microchip Technology MCP6071T-E/SL Datasheet HTML 2Page - Microchip Technology MCP6071T-E/SL Datasheet HTML 3Page - Microchip Technology MCP6071T-E/SL Datasheet HTML 4Page - Microchip Technology MCP6071T-E/SL Datasheet HTML 5Page - Microchip Technology MCP6071T-E/SL Datasheet HTML 6Page - Microchip Technology MCP6071T-E/SL Datasheet HTML 7Page - Microchip Technology MCP6071T-E/SL Datasheet HTML 8Page - Microchip Technology MCP6071T-E/SL Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
MCP6071/2/4
DS22142A-page 4
© 2009 Microchip Technology Inc.
TABLE 1-2:
AC ELECTRICAL SPECIFICATIONS
TABLE 1-3:
TEMPERATURE SPECIFICATIONS
Open-Loop Gain
DC Open-Loop Gain
(Large Signal)
AOL
95
115
—
dB
0.2V < VOUT <(VDD-0.2V)
VCM = VSS
Output
Maximum Output Voltage Swing
VOL, VOH
VSS+15
—
VDD–15
mV
G = +2 V/V,
0.5V input overdrive
Output Short-Circuit Current
ISC
—±7
—
mA
VDD = 1.8V
—±28
—
mA
VDD = 6.0V
Power Supply
Supply Voltage
VDD
1.8
—
6.0
V
Quiescent Current per Amplifier
IQ
50
110
170
µA
IO = 0, VDD = 6.0V
VCM = 0.9VDD
Electrical Characteristics: Unless otherwise indicated, T
A = +25°C, VDD = +1.8 to +6.0V, VSS = GND, VCM = VDD/2,
VOUT ≈ VDD/2, VL = VDD/2, RL = 10 kΩ to VL and CL = 60 pF. (Refer to Figure 1-1).
Parameters
Sym
Min
Typ
Max
Units
Conditions
AC Response
Gain Bandwidth Product
GBWP
—
1.2
—
MHz
Phase Margin
PM
—
57
—
°
G = +1 V/V
Slew Rate
SR
—
0.5
—
V/µs
Noise
Input Noise Voltage
Eni
—
4.3
—
µVp-p
f = 0.1 Hz to 10 Hz
Input Noise Voltage Density
eni
—19
—
nV/
√Hz f = 10 kHz
Input Noise Current Density
ini
—0.6
—
fA/
√Hz f = 1 kHz
Electrical Characteristics: Unless otherwise indicated, V
DD = +1.8V to +6.0V and VSS = GND.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Operating Temperature Range
TA
-40
—
+125
°C
Note 1
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 8L-2x3 TDFN
θ
JA
—41
—
°C/W
Thermal Resistance, 8L-SOIC
θ
JA
—149.5
—
°C/W
Thermal Resistance, 14L-SOIC
θ
JA
—
95.3
—
°C/W
Thermal Resistance, 14L-TSSOP
θ
JA
—
100
—
°C/W
Note 1: The internal junction temperature (T
J) must not exceed the absolute maximum specification of +150°C.
TABLE 1-1:
DC ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Unless otherwise indicated, V
DD = +1.8V to +6.0V, VSS= GND, TA= +25°C, VCM = VDD/2,
VOUT ≈ VDD/2, VL = VDD/2 and RL = 10 kΩ to VL. (Refer to Figure 1-1).
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1: Figure 2-13 shows how V
CMR changed across temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com