Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6L94T-E/MS Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP6L94T-E/MS
Description  10 MHz, 850 關A Op Amps
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6L94T-E/MS Datasheet(HTML) 4 Page - Microchip Technology

  MCP6L94T-E/MS Datasheet HTML 1Page - Microchip Technology MCP6L94T-E/MS Datasheet HTML 2Page - Microchip Technology MCP6L94T-E/MS Datasheet HTML 3Page - Microchip Technology MCP6L94T-E/MS Datasheet HTML 4Page - Microchip Technology MCP6L94T-E/MS Datasheet HTML 5Page - Microchip Technology MCP6L94T-E/MS Datasheet HTML 6Page - Microchip Technology MCP6L94T-E/MS Datasheet HTML 7Page - Microchip Technology MCP6L94T-E/MS Datasheet HTML 8Page - Microchip Technology MCP6L94T-E/MS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
MCP6L91/1R/2/4
DS22141A-page 4
© 2009 Microchip Technology Inc.
1.3
Test Circuit
The circuit used for most DC and AC tests is shown in
Figure 1-1. This circuit can independently set VCM and
VOUT; see Equation 1-1. Note that VCM is not the
circuit’s common mode voltage ((VP +VM)/2), and that
VOST includes VOS plus the effects (on the input offset
error, VOST) of temperature, CMRR, PSRR and AOL.
EQUATION 1-1:
FIGURE 1-1:
AC and DC Test Circuit for
Most Specifications.
TABLE 1-2:
AC ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, TA = +25°C, VDD = +5.0V, VSS = GND, VCM = VSS, VOUT ≈ VDD/2,
VL = VDD/2, RL = 10 kΩ to VL and CL = 60 pF (refer to Figure 1-1).
Parameters
Sym
Min
Typ
Max
Units
Conditions
AC Response
Gain Bandwidth Product
GBWP
—
10
—
MHz
Phase Margin
PM
—
65
—
°
G = +1
Slew Rate
SR
—
7
—
V/µs
Noise
Input Noise Voltage
Eni
—2.5
—
µVP-P
f = 0.1 Hz to 10 Hz
Input Noise Voltage Density
eni
—9.4
—
nV/
√Hz f = 10 kHz
Input Noise Current Density
ini
—3—
fA/
√Hz f = 1 kHz
TABLE 1-3:
TEMPERATURE SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, all limits are specified for: VDD = +2.4V to +6.0V, VSS = GND.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+125
°C
Operating Temperature Range
TA
-40
—
+125
°C
(Note 1)
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 5L-SOT-23
θ
JA
—256
—
°C/W
Thermal Resistance, 8L-SOIC (150 mil)
θ
JA
—163
—
°C/W
Thermal Resistance, 8L-MSOP
θ
JA
—206
—
°C/W
Thermal Resistance, 14L-SOIC
θ
JA
—120
—
°C/W
Thermal Resistance, 14L-TSSOP
θ
JA
—100
—
°C/W
Note
1:
Operation must not cause TJ to exceed Maximum Junction Temperature specification (150°C).
G
DM
R
F RG
⁄
=
V
CM
V
P
V
DD 2
⁄
+
() 2
⁄
=
V
OUT
V
DD 2
⁄
()
V
P
V
M
–
() V
OST 1
G
DM
+
()
++
=
Where:
GDM = Differential Mode Gain
(V/V)
VCM = Op Amp’s Common Mode
Input Voltage
(V)
VOST = Op Amp’s Total Input Offset
Voltage
(mV)
V
OST
V
IN–
V
IN+
–
=
VDD
MCP6L9X
RG
RF
VOUT
VM
CB2
CL
RL
VL
CB1
100 k
Ω
100 k
Ω
RG
RF
VDD/2
VP
100 k
Ω
100 k
Ω
60 pF
10 k
Ω
1µF
100 nF
VIN–
VIN+
CF
6.8 pF
CF
6.8 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com