Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6566RT-E/OT Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP6566RT-E/OT
Description  1.8V Low Power Open-Drain Output Comparator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6566RT-E/OT Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP6566RT-E/OT Datasheet HTML 4Page - Microchip Technology MCP6566RT-E/OT Datasheet HTML 5Page - Microchip Technology MCP6566RT-E/OT Datasheet HTML 6Page - Microchip Technology MCP6566RT-E/OT Datasheet HTML 7Page - Microchip Technology MCP6566RT-E/OT Datasheet HTML 8Page - Microchip Technology MCP6566RT-E/OT Datasheet HTML 9Page - Microchip Technology MCP6566RT-E/OT Datasheet HTML 10Page - Microchip Technology MCP6566RT-E/OT Datasheet HTML 11Page - Microchip Technology MCP6566RT-E/OT Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
MCP6566/6R/6U/7/9
DS22143B-page 8
© 2009 Microchip Technology Inc.
Note: Unless otherwise indicated, V
DD = +1.8V to +5.5V, VSS = GND, TA = +25°C, VIN+ = VDD/2, VIN– = GND,
RL = 20 kΩ to VPU = VDD, and CL = 25 pF.
FIGURE 2-7:
Input Offset Voltage vs.
Temperature.
FIGURE 2-8:
Input Offset Voltage vs.
Common-mode Input Voltage.
FIGURE 2-9:
Input Offset Voltage vs.
Common-mode Input Voltage.
FIGURE 2-10:
Input Hysteresis Voltage vs.
Temperature.
FIGURE 2-11:
Input Hysteresis Voltage vs.
Common-mode Input Voltage.
FIGURE 2-12:
Input Hysteresis Voltage vs.
Common-mode Input Voltage.
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
VDD= 1.8V
VDD= 5.5V
VCM = VSS
-4.0
-2.0
0.0
2.0
4.0
-0.3
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
VCM (V)
VDD = 1.8V
TA= +25°C
TA= +125°C
TA= +85°C
TA= -40°C
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
VCM (V)
VDD = 5.5V
TA= -40°C
TA= +25°C
TA= +125°C
TA= +85°C
1.0
2.0
3.0
4.0
5.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
VDD= 5.0V
VDD= 1.8V
VCM = VSS
1.0
2.0
3.0
4.0
5.0
-0.3
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
VCM (V)
VDD = 1.8V
TA= +25°C
TA= +125°C
TA= +85°C
TA= -40°C
1.0
2.0
3.0
4.0
5.0
-0.5
0.5
1.5
2.5
3.5
4.5
5.5
VCM (V)
VDD = 5.5V
TA= -40°C
TA= +85°C
TA= +25°C
TA= +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com