Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6L94T-E/ST Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP6L94T-E/ST
Description  10 MHz, 850 關A Op Amps
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6L94T-E/ST Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP6L94T-E/ST Datasheet HTML 8Page - Microchip Technology MCP6L94T-E/ST Datasheet HTML 9Page - Microchip Technology MCP6L94T-E/ST Datasheet HTML 10Page - Microchip Technology MCP6L94T-E/ST Datasheet HTML 11Page - Microchip Technology MCP6L94T-E/ST Datasheet HTML 12Page - Microchip Technology MCP6L94T-E/ST Datasheet HTML 13Page - Microchip Technology MCP6L94T-E/ST Datasheet HTML 14Page - Microchip Technology MCP6L94T-E/ST Datasheet HTML 15Page - Microchip Technology MCP6L94T-E/ST Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
MCP6L91/1R/2/4
DS22141A-page 12
© 2009 Microchip Technology Inc.
4.4
Supply Bypass
With this family of operational amplifiers, the power
supply pin (VDD for single supply) should have a local
bypass capacitor (i.e., 0.01 µF to 0.1 µF) within 2 mm
for good high frequency performance. It also needs a
bulk capacitor (i.e., 1 µF or larger) within 100 mm to
provide large, slow currents. This bulk capacitor can be
shared with other nearby analog parts.
4.5
Unused Op Amps
An unused op amp in a quad package (e.g., MCP6L94)
should be configured as shown in Figure 4-3. These
circuits prevent the output from toggling and causing
crosstalk. Circuit A sets the op amp at its minimum
noise gain. The resistor divider produces any desired
reference voltage within the output voltage range of the
op amp; the op amp buffers that reference voltage.
Circuit B uses the minimum number of components
and operates as a comparator, but it may draw more
current.
FIGURE 4-3:
Unused Op Amps.
4.6
PCB Surface Leakage
In applications where low input bias current is critical,
PCB (printed circuit board) surface leakage effects
need to be considered. Surface leakage is caused by
humidity, dust or other contamination on the board.
Under low humidity conditions, a typical resistance
between nearby traces is 1012
Ω. A 5V difference would
cause 5 pA of current to flow; this is greater than this
family’s bias current at 25°C (1 pA, typical).
The easiest way to reduce surface leakage is to use a
guard ring around sensitive pins (or traces). The guard
ring is biased at the same voltage as the sensitive pin.
Figure 4-4 is an example of this type of layout.
FIGURE 4-4:
Example guard ring layout.
1.
Inverting Amplifiers (Figure 4-4) and Transim-
pedance Gain Amplifiers (convert current to
voltage, such as photo detectors).
a)
Connect the guard ring to the non-inverting
input pin (VIN+); this biases the guard ring
to the same reference voltage as the op
amp’s input (e.g., VDD/2 or ground).
b)
Connect the inverting pin (VIN–) to the input
with a wire that does not touch the PCB sur-
face.
2.
Non-inverting Gain and Unity-Gain Buffer.
a)
Connect the guard ring to the inverting input
pin (VIN–); this biases the guard ring to the
common mode input voltage.
b)
Connect the non-inverting pin (VIN+) to the
input with a wire that does not touch the
PCB surface.
4.7
Application Circuit
4.7.1
ACTIVE LOW-PASS FILTER
The MCP6L91/1R/2/4 op amp’s low input noise and
good output current drive make it possible to design
low noise filters. Reducing the resistors’ values also
reduces the noise and increases the frequency at
which parasitic capacitances affect the response.
These trade-offs need to be considered when selecting
circuit elements.
Figure 4-5 shows a third-order Chebyshev filter with a
1 kHz bandwidth, 0.2 dB ripple and a gain of +1 V/V.
The component values were selected using Micro-
chip’s FilterLab® software. Resistor R3 was reduced in
value by increasing C3 in FilterLab.
FIGURE 4-5:
Chebyshev Filter.
VDD
VDD
¼ MCP6L94 (A)
¼ MCP6L94 (B)
R1
R2
VDD
VREF
V
REF
V
DD
R
2
R
1
R
2
+
------------------
⋅
=
Guard Ring
VIN–VIN+
R1
VIN
VOUT
R2
3.01 k
Ω 6.81 kΩ
MCP6L91
C1
120 nF
R3
9.31 k
Ω
C3
27 nF
C2
12 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com