Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6566UT-E/LT Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP6566UT-E/LT
Description  1.8V Low Power Open-Drain Output Comparator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6566UT-E/LT Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP6566UT-E/LT Datasheet HTML 17Page - Microchip Technology MCP6566UT-E/LT Datasheet HTML 18Page - Microchip Technology MCP6566UT-E/LT Datasheet HTML 19Page - Microchip Technology MCP6566UT-E/LT Datasheet HTML 20Page - Microchip Technology MCP6566UT-E/LT Datasheet HTML 21Page - Microchip Technology MCP6566UT-E/LT Datasheet HTML 22Page - Microchip Technology MCP6566UT-E/LT Datasheet HTML 23Page - Microchip Technology MCP6566UT-E/LT Datasheet HTML 24Page - Microchip Technology MCP6566UT-E/LT Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
© 2009 Microchip Technology Inc.
DS22143B-page 21
MCP6566/6R/6U/7/9
4.9
Typical Applications
4.9.1
PRECISE COMPARATOR
Some applications require higher DC precision. An
easy way to solve this problem is to use an amplifier
(such as the MCP6291) to gain-up the input signal
before it reaches the comparator. Figure 4-12 shows
an example of this approach.
FIGURE 4-12:
Precise Inverting
Comparator.
4.9.2
WINDOWED COMPARATOR
Figure 4-13 shows one approach to designing a
windowed comparator. The AND gate produces a logic
‘1’ when the input voltage is between VRB and VRT
(where VRT > VRB).
FIGURE 4-13:
Windowed Comparator.
4.9.3
BISTABLE MULTI-VIBRATOR
A simple bistable multi-vibrator design is shown in
Figure 4-14. VREF needs to be between the power
supplies (VSS = GND and VDD) to achieve oscillation.
The output duty cycle changes with VREF.
FIGURE 4-14:
Bistable Multi-vibrator.
VREF
VDD
VDD
R1
R2
VOUT
VIN
VREF
MCP6291
VPU
RPU
MCP656X
VRT
VRB
VIN
VPU
RPU
VOUT
1/2
MCP6567
1/2
MCP6567
VDD
R1
R2
R3
VREF
C1
VOUT
VPU
RPU
MCP656X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com