Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6566UT-E/MS Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP6566UT-E/MS
Description  1.8V Low Power Open-Drain Output Comparator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6566UT-E/MS Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP6566UT-E/MS Datasheet HTML 16Page - Microchip Technology MCP6566UT-E/MS Datasheet HTML 17Page - Microchip Technology MCP6566UT-E/MS Datasheet HTML 18Page - Microchip Technology MCP6566UT-E/MS Datasheet HTML 19Page - Microchip Technology MCP6566UT-E/MS Datasheet HTML 20Page - Microchip Technology MCP6566UT-E/MS Datasheet HTML 21Page - Microchip Technology MCP6566UT-E/MS Datasheet HTML 22Page - Microchip Technology MCP6566UT-E/MS Datasheet HTML 23Page - Microchip Technology MCP6566UT-E/MS Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
MCP6566/6R/6U/7/9
DS22143B-page 20
© 2009 Microchip Technology Inc.
4.6
PCB Surface Leakage
In applications where low input bias current is critical,
PCB (Printed Circuit Board) surface leakage effects
need to be considered. Surface leakage is caused by
humidity, dust or other contamination on the board.
Under low humidity conditions, a typical resistance
between nearby traces is 1012
Ω. A 5V difference would
cause 5 pA of current to flow. This is greater than the
MCP6566/6R/6U/7/9 family’s bias current at +25°C
(1 pA, typical).
The easiest way to reduce surface leakage is to use a
guard ring around sensitive pins (or traces). The guard
ring is biased at the same voltage as the sensitive pin.
An example of this type of layout is shown in
Figure 4-9.
FIGURE 4-9:
Example Guard Ring Layout
for Inverting Circuit.
1.
Inverting Configuration (Figures 4-6 and 4-9):
a)
Connect the guard ring to the non-inverting
input pin (VIN+). This biases the guard ring
to the same reference voltage as the
comparator (e.g., VDD/2 or ground).
b)
Connect the inverting pin (VIN–) to the input
pad without touching the guard ring.
2.
Non-inverting Configuration (Figure 4-4):
a)
Connect the non-inverting pin (VIN+) to the
input pad without touching the guard ring.
b)
Connect the guard ring to the inverting input
pin (VIN–).
4.7
PCB Layout Technique
When designing the PCB layout it is critical to note that
analog and digital signal traces are adequately
separated to prevent signal coupling. If the comparator
output trace is at close proximity to the input traces
then large output voltage changes from, VSS to VDD or
visa versa, may couple to the inputs and cause the
device output to oscillate. To prevent such oscillation,
the output traces must be routed away from the input
pins. The SC70-5 and SOT-23-5 are relatively immune
because the output pin OUT (pin 1) is separated by the
power pin VDD/VSS (pin 2) from the input pin +IN (as
long as the analog and digital traces remain separated
through out the PCB). However, the pinouts for the dual
and quad packages (SOIC, MSOP, TSSOP) have OUT
and -IN pins (pin 1 and 2) close to each other. The
recommended layout for these packages is shown in
Figure 4-10.
FIGURE 4-10:
Recommended Layout.
4.8
Unused Comparators
An unused amplifier in a quad package (MCP6569)
should be configured as shown in Figure 4-11. This
circuit prevents the output from toggling and causing
crosstalk. It uses the minimum number of components
and draws minimal current (see Figure 2-15 and
Figure 2-15).
FIGURE 4-11:
Unused Comparators.
Guard Ring
V
SS
IN-
IN+
-INA
+INA
-INB
+INB
OUTB
OUTA
VSS
VDD
VDD
–
+
¼ MCP6569



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com