Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP98243-BE/MC Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP98243-BE/MC
Description  Memory Module Temperature Sensor w/ EEPROM for SPD
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP98243-BE/MC Datasheet(HTML) 3 Page - Microchip Technology

  MCP98243-BE/MC Datasheet HTML 1Page - Microchip Technology MCP98243-BE/MC Datasheet HTML 2Page - Microchip Technology MCP98243-BE/MC Datasheet HTML 3Page - Microchip Technology MCP98243-BE/MC Datasheet HTML 4Page - Microchip Technology MCP98243-BE/MC Datasheet HTML 5Page - Microchip Technology MCP98243-BE/MC Datasheet HTML 6Page - Microchip Technology MCP98243-BE/MC Datasheet HTML 7Page - Microchip Technology MCP98243-BE/MC Datasheet HTML 8Page - Microchip Technology MCP98243-BE/MC Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 62 page
background image
© 2009 Microchip Technology Inc.
DS22153B-page 3
MCP98243
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD.................................................................................. 6.0V
Voltage at all Input/Output pins ............... GND – 0.3V to 6.0V
Pin A0 ................................................... GND – 0.3V to 12.5V
Storage temperature .....................................-65°C to +150°C
Ambient temp. with power applied ................-40°C to +125°C
Junction Temperature (TJ) .......................................... +150°C
ESD protection on all pins (HBM:MM) ................. (4 kV:300V)
Latch-Up Current at each pin (25°C) ....................... ±200 mA
†Notice: Stresses above those listed under “Maximum
ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied.
Exposure to maximum rating conditions for extended periods
may affect device reliability.
TEMPERATURE SENSOR DC CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, VDD = 3.0V to 3.6V, GND = Ground,
and TA = -20°C to +125°C.
Parameters
Sym
Min
Typ
Max
Unit
Conditions
Temperature Sensor Accuracy
+75°C < TA ≤ +95°C
TACY
-1.0
±0.2
+1.0
°C
JC42.4 - TSE2002B3
Grade B Accuracy Specification
+40°C < TA ≤ +125°C
-2.0
±0.5
+2.0
°C
-20°C < TA ≤ +125°C
-3.0
±1
+3.0
°C
TA = -40°C
—
-1
—
°C
Temperature Conversion Time
0.25°C/bit
tCONV
—
65
125
ms
15 s/sec (typical) (See Section 5.2.4)
Power Supply
Specified Voltage Range
VDD
3.0
—
3.6
V
JC42.4 Specified Voltage Range
Operating Voltage Range
VDD
2.7
—
5.5
V
Note 1
Operating Current
IDD_TS
—
200
500
µA
EEPROM Inactive
Shutdown Current
ISHDN
—
1
3
µA
EEPROM Inactive, I2C Bus Inactive
Power On Reset (POR)
VPOR_TS
—
2.2
—
V
Threshold for falling VDD voltage
Power Supply Rejection,
TA = +25°C
Δ°C/ΔVDD
—±0.3
—
°C/V VDD = 2.7V to 5.5V
—
±0.15
—
°C
VDD = 3.3V+150 mVPP AC (0 to 1 MHz)
Event Output (Open-Drain output, external pull-up or pull-down resistor required), see Section 5.2.3
High-level Current (leakage)
IOH
——
1
µA
VOH = VDD (Active-Low, Pull-up Resistor)
Low-level Voltage
VOL
——
0.4
V
IOL= 3 mA (Active-Low, Pull-up Resistor)
Low-level Current (leakage)
IOL
——
1
µA
VOL = VSS (Active-High, Pull-down
Resistor)
High-level Voltage
VOH
——
VDD-0.5
V
IOH= 3 mA (Active-High, Pull-down
Resistor)
Thermal Response, from +25°C (Air) to +125°C (oil bath)
DFN/UDFN/TDFN-8
tRES
—
0.7
—
s
Time to 63% (89°C)
TSSOP-8
—
1.4
—
s
Note 1: Characterized but not production tested. Also, see Section 2.0 “Typical Performance Curves”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com