Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP98243T-BE/MC Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP98243T-BE/MC
Description  Memory Module Temperature Sensor w/ EEPROM for SPD
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP98243T-BE/MC Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP98243T-BE/MC Datasheet HTML 5Page - Microchip Technology MCP98243T-BE/MC Datasheet HTML 6Page - Microchip Technology MCP98243T-BE/MC Datasheet HTML 7Page - Microchip Technology MCP98243T-BE/MC Datasheet HTML 8Page - Microchip Technology MCP98243T-BE/MC Datasheet HTML 9Page - Microchip Technology MCP98243T-BE/MC Datasheet HTML 10Page - Microchip Technology MCP98243T-BE/MC Datasheet HTML 11Page - Microchip Technology MCP98243T-BE/MC Datasheet HTML 12Page - Microchip Technology MCP98243T-BE/MC Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
© 2009 Microchip Technology Inc.
DS22153B-page 9
MCP98243
Note: Unless otherwise indicated, VDD = 2.7V to 5.5V, GND = Ground, SDA/SCL pulled-up to VDD, and
TA = -40°C to +125°C.
FIGURE 2-13:
SWP/CWP/PWP High
Voltage Range.
FIGURE 2-14:
Shutdown Current vs.
Temperature.
FIGURE 2-15:
Shutdown Current vs. VDD.
0
2
4
6
8
10
12
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VDD (V)
Maximum PWP Voltage (VDD + 1V)
Minimum SWP/CWP Voltage
VHV applied at A0 pin.
See Table 5-4 for Pins
A1 and A2 connection
No
SWP/CWP/PWP
function within
this range
0.00
0.50
1.00
1.50
2.00
2.50
3.00
-40
-20
0
20
40
60
80
100 120
TA (°C )
0
20
40
60
80
100
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VDD (V)
VPOR_TS, Sensor in Shutdown Mode
TA = -40°C
TA = +25°C
TA = +85°C
TA = +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com