Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4152T-503I/MF Datasheet(PDF) 49 Page - Microchip Technology

Part # MCP4152T-503I/MF
Description  7/8-Bit Single/Dual SPI Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4152T-503I/MF Datasheet(HTML) 49 Page - Microchip Technology

Back Button MCP4152T-503I/MF Datasheet HTML 45Page - Microchip Technology MCP4152T-503I/MF Datasheet HTML 46Page - Microchip Technology MCP4152T-503I/MF Datasheet HTML 47Page - Microchip Technology MCP4152T-503I/MF Datasheet HTML 48Page - Microchip Technology MCP4152T-503I/MF Datasheet HTML 49Page - Microchip Technology MCP4152T-503I/MF Datasheet HTML 50Page - Microchip Technology MCP4152T-503I/MF Datasheet HTML 51Page - Microchip Technology MCP4152T-503I/MF Datasheet HTML 52Page - Microchip Technology MCP4152T-503I/MF Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 88 page
background image
© 2008 Microchip Technology Inc.
DS22060B-page 49
MCP413X/415X/423X/425X
7.2
Data Byte
Only the Read Command and the Write Command use
the Data Byte, see Figure 7-1. These commands
concatenate the 8-bits of the Data Byte with the one
data bit (D8) contained in the Command Byte to form
9-bits of data (D8:D0). The Command Byte format
supports up to 9-bits of data so that the 8-bit resistor
network can be set to Full-Scale (100h or greater). This
allows wiper connections to Terminal A and to
Terminal B.
The D9 bit is currently unused, and corresponds to the
position on the SDO data of the CMDERR bit.
7.3
Error Condition
The CMDERR bit indicates if the four address bits
received (AD3:AD0) and the two command bits
received (C1:C0) are a valid combination (see
Table 4-1). The CMDERR bit is high if the combination
is valid and low if the combination is invalid.
SPI commands that do not have a multiple of 8 clocks
are ignored.
Once an error condition has occurred, any following
commands are ignored. All following SDO bits will be
low until the CMDERR condition is cleared by forcing
the CS pin to the inactive state (VIH).
7.3.1
ABORTING A TRANSMISSION
All SPI transmissions must have the correct number of
SCK pulses to be executed. The command is not
executed until the complete number of clocks have
been received. If the CS pin is forced to the inactive
state (VIH) the serial interface is reset. Partial com-
mands are not executed.
SPI is more susceptible to noise than other bus
protocols. The most likely case is that this noise
corrupts the value of the data being clocked into the
MCP4XXX or the SCK pin is injected with extra clock
pulses. This may cause data to be corrupted in the
device, or a command error to occur, since the address
and command bits were not a valid combination. The
extra SCK pulse will also cause the SPI data (SDI) and
clock (SCK) to be out of sync. Forcing the CS pin to the
inactive state (VIH) resets the serial interface. The SPI
interface will ignore activity on the SDI and SCK pins
until the CS pin transition to the active state is detected
(VIH to VIL or VIH to VIHH).
Note 1: When data is not being received by the
MCP4XXX, It is recommended that the
CS pin be forced to the inactive level (VIL)
2: It is also recommended that long
continuous command strings should be
broken down into single commands or
shorter continuous command strings.
This reduces the probability of noise on
the SCK pin corrupting the desired SPI
commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com