Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24AA64FT Datasheet(PDF) 2 Page - Microchip Technology

Part # 24AA64FT
Description  64K I2C??Serial EEPROM with Quarter-Array Write-Protect
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA64FT Datasheet(HTML) 2 Page - Microchip Technology

  24AA64FT Datasheet HTML 1Page - Microchip Technology 24AA64FT Datasheet HTML 2Page - Microchip Technology 24AA64FT Datasheet HTML 3Page - Microchip Technology 24AA64FT Datasheet HTML 4Page - Microchip Technology 24AA64FT Datasheet HTML 5Page - Microchip Technology 24AA64FT Datasheet HTML 6Page - Microchip Technology 24AA64FT Datasheet HTML 7Page - Microchip Technology 24AA64FT Datasheet HTML 8Page - Microchip Technology 24AA64FT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
24AA64F/24LC64F
DS22154A-page 2
© 2009 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (†)
VCC.............................................................................................................................................................................6.5V
All inputs and outputs w.r.t. VSS ......................................................................................................... -0.3V to VCC +1.0V
Storage temperature ...............................................................................................................................-65°C to +150°C
Ambient temperature with power applied ................................................................................................-40°C to +125°C
ESD protection on all pins
......................................................................................................................................................≥ 4kV
TABLE 1-1:
DC CHARACTERISTICS
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only and functional operation of the device at those or any other conditions
above those indicated in the operational listings of this specification is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
DC CHARACTERISTICS
Industrial (I):
TA = -40°C to +85°C, VCC = +1.7V to +5.5V
Automotive (E): TA = -40°C to +125°C, VCC = +2.5V to +5.5V
Param.
No.
Sym.
Characteristic
Min.
Typ.
Max.
Units
Conditions
—
A0, A1, A2, WP, SCL
and SDA pins
—
——
—
—
D1
VIH
High-level input voltage
0.7 VCC
——
V
—
D2
VIL
Low-level input voltage
—
—
0.3 VCC
0.2 VCC
V
V
VCC
≥ 2.5V
VCC
< 2.5V
D3
VHYS
Hysteresis of Schmitt
Trigger inputs (SDA,
SCL pins)
0.05 VCC
——
V
VCC
≥ 2.5V (Note 1)
D4
VOL
Low-level output voltage
—
—
0.40
V
IOL = 3.0 mA @ VCC = 4.5V
IOL = 2.1 mA @ VCC = 2.5V
D5
ILI
Input leakage current
——
±1
μAVIN = VSS or VCC
D6
ILO
Output leakage current
——
±1
μAVOUT = VSS or VCC
D7
CIN,
COUT
Pin capacitance
(all inputs/outputs)
——
10
pF
VCC = 5.0V (Note 1)
TA = 25°C, FCLK = 1 MHz
D8
ICC write
Operating current
—0.1
3
mA
VCC = 5.5V, SCL = 400 kHz
D9
ICC read
—
0.05
400
μA
D10
ICCS
Standby current
—
—
.01
—
1
5
μA
μA
Industrial
Automotive
SDA = SCL = VCC
A0, A1, A2, WP = VSS
Note 1:
This parameter is periodically sampled and not 100% tested.
2:
Typical measurements taken at room temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com