Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4152T-503E/MF Datasheet(PDF) 85 Page - Microchip Technology

Part # MCP4152T-503E/MF
Description  7/8-Bit Single/Dual SPI Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4152T-503E/MF Datasheet(HTML) 85 Page - Microchip Technology

Back Button MCP4152T-503E/MF Datasheet HTML 80Page - Microchip Technology MCP4152T-503E/MF Datasheet HTML 81Page - Microchip Technology MCP4152T-503E/MF Datasheet HTML 82Page - Microchip Technology MCP4152T-503E/MF Datasheet HTML 83Page - Microchip Technology MCP4152T-503E/MF Datasheet HTML 84Page - Microchip Technology MCP4152T-503E/MF Datasheet HTML 85Page - Microchip Technology MCP4152T-503E/MF Datasheet HTML 86Page - Microchip Technology MCP4152T-503E/MF Datasheet HTML 87Page - Microchip Technology MCP4152T-503E/MF Datasheet HTML 88Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 85 / 88 page
background image
© 2008 Microchip Technology Inc.
DS22060B-page 85
MCP413X/415X/423X/425X
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
XXX
Resistance
Package
Temperature
Range
Device
Device
MCP4131:
Single Volatile 7-bit Potentiometer
MCP4131T:
Single Volatile 7-bit Potentiometer
(Tape and Reel)
MCP4132:
Single Volatile 7-bit Rheostat
MCP4132T:
Single Volatile 7-bit Rheostat
(Tape and Reel)
MCP4151:
Single Volatile 8-bit Potentiometer
MCP4151T:
Single Volatile 8-bit Potentiometer
(Tape and Reel)
MCP4152:
Single Volatile 8-bit Rheostat
MCP4152T:
Single Volatile 8-bit Rheostat
(Tape and Reel)
MCP4231:
Dual Volatile 7-bit Potentiometer
MCP4231T:
Dual Volatile 7-bit Potentiometer
(Tape and Reel)
MCP4232:
Dual Volatile 7-bit Rheostat
MCP4232T:
Dual Volatile 7-bit Rheostat
(Tape and Reel)
MCP4251:
Dual Volatile 8-bit Potentiometer
MCP4251T:
Dual Volatile 8-bit Potentiometer
(Tape and Reel)
MCP4252:
Dual Volatile 8-bit Rheostat
MCP4252T:
Dual Volatile 8-bit Rheostat
(Tape and Reel)
Resistance Version:
502
= 5 kΩ
103
= 10 kΩ
503
= 50 kΩ
104
= 100 kΩ
Temperature Range
I
= -40
°C to +85°C (Industrial)
E= -40
°C to +125°C (Extended)
Package
MF = Plastic Dual Flat No-lead (3x3 DFN), 8/10-lead
ML = Plastic Quad Flat No-lead (QFN), 16-lead
MS = Plastic Micro Small Outline (MSOP), 8-lead
P
= Plastic Dual In-line (PDIP) (300 mil), 8/14-lead
SN = Plastic Small Outline (SOIC), (150 mil), 8-lead
SL = Plastic Small Outline (SOIC), (150 mil), 14-lead
ST = Plastic Thin Shrink Small Outline (TSSOP), 14-lead
UN = Plastic Micro Small Outline (MSOP), 10-lead
Examples:
a)
MCP4131-502E/XX:
5 kΩ
, 8LD Device
b)
MCP4131T-502E/XX: T/R, 5 kΩ
, 8LD Device
c)
MCP4131-103E/XX:
10 kΩ, 8-LD Device
d)
MCP4131T-103E/XX: T/R, 10 kΩ, 8LD Device
e)
MCP4131-503E/XX:
50 kΩ, 8LD Device
f)
MCP4131T-503E/XX: T/R, 50 kΩ, 8LD Device
g)
MCP4131-104E/XX:
100 kΩ, 8LD Device
h)
MCP4131T-104E/XX: T/R, 100 kΩ, 8LD Device
a)
MCP4132-502E/XX:
5 kΩ
, 8LD Device
b)
MCP4132T-502E/XX: T/R, 5 kΩ
, 8LD Device
c)
MCP4132-103E/XX:
10 kΩ, 8-LD Device
d)
MCP4132T-103E/XX: T/R, 10 kΩ, 8LD Device
e)
MCP4132-503E/XX:
50 kΩ, 8LD Device
f)
MCP4132T-503E/XX: T/R, 50 kΩ, 8LD Device
g)
MCP4132-104E/XX:
100 kΩ, 8LD Device
h)
MCP4132T-104E/XX: T/R, 100 kΩ, 8LD Device
a)
MCP4151-502E/XX:
5 kΩ
, 8LD Device
b)
MCP4151T-502E/XX: T/R, 5 kΩ
, 8LD Device
c)
MCP4151-103E/XX:
10 kΩ, 8-LD Device
d)
MCP4151T-103E/XX: T/R, 10 kΩ, 8LD Device
e)
MCP4151-503E/XX:
50 kΩ, 8LD Device
f)
MCP4151T-503E/XX: T/R, 50 kΩ, 8LD Device
g)
MCP4151-104E/XX:
100 kΩ, 8LD Device
h)
MCP4151T-104E/XX: T/R, 100 kΩ, 8LD Device
a)
MCP4152-502E/XX:
5 kΩ
, 8LD Device
b)
MCP4152T-502E/XX: T/R, 5 kΩ
, 8LD Device
c)
MCP4152-103E/XX:
10 kΩ, 8-LD Device
d)
MCP4152T-103E/XX: T/R, 10 kΩ, 8LD Device
e)
MCP4152-503E/XX:
50 kΩ, 8LD Device
f)
MCP4152T-503E/XX: T/R, 50 kΩ, 8LD Device
g)
MCP4152-104E/XX:
100 kΩ, 8LD Device
h)
MCP4152T-104E/XX: T/R, 100 kΩ, 8LD Device
a)
MCP4231-502E/XX:
5 kΩ
, 8LD Device
b)
MCP4231T-502E/XX: T/R, 5 kΩ
Ω, 8LD Device
c)
MCP4231-103E/XX:
10 kΩ, 8-LD Device
d)
MCP4231T-103E/XX: T/R, 10 kΩ, 8LD Device
e)
MCP4231-503E/XX:
50 kΩ, 8LD Device
f)
MCP4231T-503E/XX: T/R, 50 kΩ, 8LD Device
g)
MCP4231-104E/XX:
100 kΩ, 8LD Device
h)
MCP4231T-104E/XX: T/R, 100 kΩ, 8LD Device
a)
MCP4232-502E/XX:
5 kΩ
, 8LD Device
b)
MCP4232T-502E/XX: T/R, 5 kΩ
, 8LD Device
c)
MCP4232-103E/XX:
10 kΩ, 8-LD Device
d)
MCP4232T-103E/XX: T/R, 10 kΩ, 8LD Device
e)
MCP4232-503E/XX:
50 kΩ, 8LD Device
f)
MCP4232T-503E/XX: T/R, 50 kΩ, 8LD Device
g)
MCP4232-104E/XX:
100 kΩ, 8LD Device
h)
MCP4232T-104E/XX: T/R, 100 kΩ, 8LD Device
a)
MCP4251-502E/XX:
5 kΩ
, 8LD Device
b)
MCP4251T-502E/XX: T/R, 5 kΩ
, 8LD Device
c)
MCP4251-103E/XX:
10 kΩ, 8-LD Device
d)
MCP4251T-103E/XX: T/R, 10 kΩ, 8LD Device
e)
MCP4251-503E/XX:
50 kΩ, 8LD Device
f)
MCP4251T-503E/XX: T/R, 50 kΩ, 8LD Device
g)
MCP4251-104E/XX:
100 kΩ, 8LD Device
h)
MCP4251T-104E/XX: T/R, 100 kΩ, 8LD Device
a)
MCP4252-502E/XX:
5 kΩ
, 8LD Device
b)
MCP4252T-502E/XX: T/R, 5 kΩ
, 8LD Device
c)
MCP4252-103E/XX:
10 kΩ, 8-LD Device
d)
MCP4252T-103E/XX: T/R, 10 kΩ, 8LD Device
e)
MCP4252-503E/XX:
50 kΩ, 8LD Device
f)
MCP4252T-503E/XX: T/R, 50 kΩ, 8LD Device
g)
MCP4252-104E/XX:
100 kΩ, 8LD Device
h)
MCP4252T-104E/XX: T/R, 100 kΩ, 8LD Device
XX
= MF for 8/10-lead 3x3 DFN
= ML for 16-lead QFN
= MS for 8-lead MSOP
= P for 8/14-lead PDIP
= SN for 8-lead SOIC
= SL for 14-lead SOIC
= ST for 14-lead TSSOP
= UN for 10-lead MSOP
Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com