Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4728-E/UN Datasheet(PDF) 49 Page - Microchip Technology

Part # MCP4728-E/UN
Description  12-Bit, Quad Digital-to-Analog Converter with EEPROM Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4728-E/UN Datasheet(HTML) 49 Page - Microchip Technology

Back Button MCP4728-E/UN Datasheet HTML 45Page - Microchip Technology MCP4728-E/UN Datasheet HTML 46Page - Microchip Technology MCP4728-E/UN Datasheet HTML 47Page - Microchip Technology MCP4728-E/UN Datasheet HTML 48Page - Microchip Technology MCP4728-E/UN Datasheet HTML 49Page - Microchip Technology MCP4728-E/UN Datasheet HTML 50Page - Microchip Technology MCP4728-E/UN Datasheet HTML 51Page - Microchip Technology MCP4728-E/UN Datasheet HTML 52Page - Microchip Technology MCP4728-E/UN Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
© 2009 Microchip Technology Inc.
DS22187C-page 49
MCP4728
6.9
Offset Error Drift
Offset error drift is the variation in offset error due to a
change in ambient temperature. The offset error drift is
typically expressed in ppm/oC.
6.10
Settling Time
The Settling time is the time delay required for the DAC
output to settle to its new output value from the start of
code transition, within specified accuracy. In the
MCP4728 device, the settling time is a measure of the
time delay until the DAC output reaches its final value
within 0.5 LSB when the DAC code changes from 400h
to C00h.
6.11
Major-Code Transition Glitch
Major-code transition glitch is the impulse energy
injected into the DAC analog output when the code in
the DAC register changes state. It is normally specified
as the area of the glitch in nV-Sec. and is measured
when the digital code is changed by 1 LSB at the major
carry transition (Example: 011...111 to 100...
000
, or 100... 000 to 011... 111).
6.12
Digital Feedthrough
Digital feedthrough is the glitch that appears at the
analog output caused by coupling from the digital input
pins of the device. The area of the glitch is expressed
in nV-Sec, and is measured with a full scale change
(Example: all 0s to all 1s and vice versa) on the digital
input pins. The digital feedthrough is measured when
the DAC is not being written to the output register. This
condition can be created by writing input register with
both UDAC bit and LDAC pin high.
6.13
Analog Crosstalk
Analog crosstalk is the glitch that appears at the output
of one DAC due to a change in the output of the other
DAC. The area of the glitch is expressed in nV-Sec,
and measured by loading one of the input registers with
a full scale code change (all 0s to all 1s and vice versa)
while keeping both UDAC bit and LDAC pin high. Then
bring down the LDAC pin to low and measure the
output of the DAC whose digital code was not changed.
6.14
DAC-to-DAC Crosstalk
DAC-to-DAC crosstalk is the glitch that appears at the
output of one DAC due to an input code change and
subsequent output change of the other DAC. This
includes both digital and analog crosstalks. The area of
the glitch is expressed in nV-Sec, and measured by
loading one of the input registers with a full scale code
change (all 0s to all 1s and vice versa) while keeping
UDAC bit or LDAC pin low.
6.15
Power-Supply Rejection Ratio
(PSRR)
PSRR indicates how the output of the DAC is affected
by changes in the supply voltage. PSRR is the ratio of
the change in VOUT to a change in VDD for full scale
output of the DAC. It is measured on one DAC that is
using an internal VREF while the VDD is varied +/- 10%,
and expressed in dB or µV/V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com