Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP621 Datasheet(PDF) 41 Page - Microchip Technology

Part # MCP621
Description  20 MHz, 2.5 mA Op Amps with mCal
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP621 Datasheet(HTML) 41 Page - Microchip Technology

Back Button MCP621 Datasheet HTML 36Page - Microchip Technology MCP621 Datasheet HTML 37Page - Microchip Technology MCP621 Datasheet HTML 38Page - Microchip Technology MCP621 Datasheet HTML 39Page - Microchip Technology MCP621 Datasheet HTML 40Page - Microchip Technology MCP621 Datasheet HTML 41Page - Microchip Technology MCP621 Datasheet HTML 42Page - Microchip Technology MCP621 Datasheet HTML 43Page - Microchip Technology MCP621 Datasheet HTML 44Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
© 2009 Microchip Technology Inc.
DS22188A-page 41
MCP621/2/5
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP621:
Single Op Amp
MCP621T:
Single Op Amp (Tape and Reel)
(SOIC)
MCP622:
Dual Op Amp
MCP622T:
Dual Op Amp (Tape and Reel)
(DFN and SOIC)
MCP625:
Dual Op Amp
MCP625T:
Dual Op Amp (Tape and Reel)
(DFN and MSOP)
Temperature Range: E
= -40°C to +125°C
Package:
MF = Plastic Dual Flat, No Lead (3x3 DFN),
8-lead, 10-lead
SN = Plastic Small Outline, (3.90 mm), 8-lead
UN = Plastic Micro Small Outline, (MSOP), 10-lead
Examples:
a) MCP621T-E/SN:
Tape and Reel,
Extended Temperature,
8LD SOIC package.
a) MCP622T-E/MF:
Tape and Reel,
Extended Temperature,
8LD DFN package.
b) MCP622T-E/SN:
Tape and Reel,
Extended Temperature,
8LD SOIC package.
a) MCP625T-E/MF:
Tape and Reel,
Extended Temperature,
10LD DFN package.
b) MCP625T-E/UN:
Tape and Reel,
Extended Temperature,
10LD MSOP package.
PART NO.
X
/XX
Package
Temperature
Range
Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com