Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73223T Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP73223T
Description  Lithium Iron Phosphate (LiFePO4) Battery Charge Management Controller with Input Overvoltage Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73223T Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP73223T Datasheet HTML 9Page - Microchip Technology MCP73223T Datasheet HTML 10Page - Microchip Technology MCP73223T Datasheet HTML 11Page - Microchip Technology MCP73223T Datasheet HTML 12Page - Microchip Technology MCP73223T Datasheet HTML 13Page - Microchip Technology MCP73223T Datasheet HTML 14Page - Microchip Technology MCP73223T Datasheet HTML 15Page - Microchip Technology MCP73223T Datasheet HTML 16Page - Microchip Technology MCP73223T Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
© 2009 Microchip Technology Inc.
DS22191A-page 13
MCP73123/223
3.0
PIN DESCRIPTION
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLES
3.1
Battery Management Input Supply
(VDD)
A supply voltage of [VREG (Typical) + 0.3V] to 6.0V is
recommended for MCP73123, while a supply voltage
of [VREG (Typical) + 0.3V] to 12.0V is recommended for
MCP73223. Bypass to VSS with a minimum of 1 µF.
The VDD pin is rated 18V absolute maximum to prevent
suddenly rise of input voltage from spikes or low cost
ac-dc wall adapter.
3.2
Battery Charge Control Output
(VBAT)
Connect to the positive terminal of the battery. Bypass
to VSS with a minimum of 1 µF to ensure loop stability
when the battery is disconnected. The MCP73123 is
designed to provide 3.6V battery regulation voltage for
LiFePO4 batteries. Undercharge may occur if a typical
Li-Ion or Li-Poly battery is used.
3.3
No Connect (NC)
No connect.
3.4
Status Output (STAT)
STAT is an open-drain logic output for connection to an
LED for charge status indication in standalone
applications. Alternatively, a pull-up resistor can be
applied for interfacing to a host microcontroller. Refer to
Table 5-1 for a summary of the status output during a
charge cycle.
3.5
Battery Management 0V Reference
(VSS)
Connect to the negative terminal of the battery and
input supply.
3.6
Current Regulation Set (PROG)
The fast charge current is set by placing a resistor from
PROG to VSS during constant current (CC) mode.
PROG pin also serves as charge control enable.
When a typical 200 k
Ω impedance is applied to PROG
pin, the MCP73123/223 is disabled until the high
impedance
is
removed.
Refer
to
Section 5.5
“Constant Current MODE - Fast Charge” for details.
3.7
Exposed Pad (EP)
The Exposed Thermal Pad (EP) shall be connected to
the exposed copper area on the Printed Circuit Board
(PCB) for the thermal enhancement. Additional vias on
the copper area under the MCP73123/223 device can
improve the performance of heat dissipation and
simplify the assembly process.
MCP73123/223
Symbol
I/O
Description
DFN-10
1, 2
VDD
I
Battery Management Input Supply
3, 4
VBAT
I/O
Battery Charge Control Output
5, 6
NC
-
No Connection
7
STAT
O
Battery Charge Status Output
8, 9
VSS
-
Battery Management 0V Reference
10
PROG
I/O
Battery Charge Current Regulation Program and Charge Control Enable
11
EP
—
Exposed Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com