Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM340 Datasheet(PDF) 2 Page - Motorola, Inc

Part # LM340
Description  THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM340 Datasheet(HTML) 2 Page - Motorola, Inc

  LM340 Datasheet HTML 1Page - Motorola, Inc LM340 Datasheet HTML 2Page - Motorola, Inc LM340 Datasheet HTML 3Page - Motorola, Inc LM340 Datasheet HTML 4Page - Motorola, Inc LM340 Datasheet HTML 5Page - Motorola, Inc LM340 Datasheet HTML 6Page - Motorola, Inc LM340 Datasheet HTML 7Page - Motorola, Inc LM340 Datasheet HTML 8Page - Motorola, Inc LM340 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LM340, A Series
2
MOTOROLA ANALOG IC DEVICE DATA
MAXIMUM RATINGS (TA = +25°C unless otherwise noted.)
Rating
Symbol
Value
Unit
Input Voltage (5.0 V – 18 V)
Input Voltage (24 V)
Vin
35
40
Vdc
Power Dissipation and Thermal Characteristics
Plastic Package
TA = +25°C
Derate above TA = +25°C
Thermal Resistance, Junction–to–Air
TC= +25°C
Derate above TC = +75°C (See Figure 1)
Thermal Resistance, Junction–to–Case
PD
1/
θJA
θJA
PD
1/
θJA
θJC
Internally Limited
15.4
65
Internally Limited
200
5.0
W
mW/
°C
°C/W
W
mW/
°C
°C/W
Storage Temperature Range
Tstg
–65 to +150
°C
Operating Junction Temperature Range
TJ
0 to +150
°C
Representative Schematic Diagram
1.0k
210
Input
16k
6.7V
300
1.0k
100
200
3.6k
6.4k
520
3.0k
5.6k
10pF
300
13
0.12
Output
200
50
2.6k
6.0k
40
pF
Gnd
2.8k
3.9k
2.0k
6.0k
1.0k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com