Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP661T-E/UN Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP661T-E/UN
Description  60 MHz, 6 mA Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP661T-E/UN Datasheet(HTML) 4 Page - Microchip Technology

  MCP661T-E/UN Datasheet HTML 1Page - Microchip Technology MCP661T-E/UN Datasheet HTML 2Page - Microchip Technology MCP661T-E/UN Datasheet HTML 3Page - Microchip Technology MCP661T-E/UN Datasheet HTML 4Page - Microchip Technology MCP661T-E/UN Datasheet HTML 5Page - Microchip Technology MCP661T-E/UN Datasheet HTML 6Page - Microchip Technology MCP661T-E/UN Datasheet HTML 7Page - Microchip Technology MCP661T-E/UN Datasheet HTML 8Page - Microchip Technology MCP661T-E/UN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
MCP661/2/3/5
DS22194A-page 4
© 2009 Microchip Technology Inc.
TABLE 1-2:
AC ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, TA = +25°C, VDD = +2.5V to +5.5V, VSS = GND, VCM =VDD/2,
VOUT ≈ VDD/2, VL = VDD/2, RL = 1 kΩ to VL, CL = 20 pF and CS =VSS (refer to Figure 1-2).
Parameters
Sym
Min
Typ
Max
Units
Conditions
AC Response
Gain Bandwidth Product
GBWP
—
60
—
MHz
Phase Margin
PM
—
65
—
°
G = +1
Open Loop Output Impedance
ROUT
—10
—
Ω
AC Distortion
Total Harmonic Distortion plus Noise
THD+N
—
0.003
—
%
G = +1, VOUT = 2VP-P, f = 1 kHz,
VDD = 5.5V, BW = 80 kHz
Differential Gain, Positive Video (Note 1)
DG
—
0.3
—
%
NTSC, VDD = +2.5V, VSS = -2.5V,
G = +2, VL = 0V, DC VIN = 0V to 0.7V
Differential Gain, Negative Video (Note 1)
DG
—
0.3
—
%
NTSC, VDD = +2.5V, VSS = -2.5V,
G = +2, VL = 0V, DC VIN = 0V to -0.7V
Differential Phase, Positive Video (Note 1)
DP
—
0.3
—
°
NTSC, VDD = +2.5V, VSS = -2.5V,
G = +2, VL = 0V, DC VIN = 0V to 0.7V
Differential Phase, Negative Video (Note 1)
DP
—
0.9
—
°
NTSC, VDD = +2.5V, VSS = -2.5V,
G = +2, VL = 0V, DC VIN = 0V to -0.7V
Step Response
Rise Time, 10% to 90%
tr
—
5
—
ns
G = +1, VOUT = 100 mVP-P
Slew Rate
SR
—
32
—
V/µs
G = +1
Noise
Input Noise Voltage
Eni
—14
—
µVP-P f = 0.1 Hz to 10 Hz
Input Noise Voltage Density
eni
—6.8
—
nV/
√Hz f = 1 MHz
Input Noise Current Density
ini
4—
fA/
√Hz f = 1 kHz
Note 1:
These specifications are described in detail in Section 4.3 “Distortion”.
TABLE 1-3:
DIGITAL ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, TA = +25°C, VDD = +2.5V to +5.5V, VSS = GND, VCM = VDD/2,
VOUT ≈ VDD/2, VL = VDD/2, RL = 1 kΩ to VL, CL = 20 pF and CS =VSS (refer to Figure 1-1 and Figure 1-2).
Parameters
Sym
Min
Typ
Max
Units
Conditions
CS Low Specifications
CS Logic Threshold, Low
VIL
VSS
—0.2VDD
V
CS Input Current, Low
ICSL
—
-0.1
—
nA
CS = 0V
CS High Specifications
CS Logic Threshold, High
VIH
0.8VDD
VDD
V
CS Input Current, High
ICSH
—-0.7—
µA
CS = VDD
GND Current
ISS
-2
-1
—µA
CS Internal Pull Down Resistor
RPD
—5—
M
Ω
Amplifier Output Leakage
IO(LEAK)
—40—
nA
CS = VDD, TA = +125°C
CS Dynamic Specifications
CS Input Hysteresis
VHYST
—
0.25
—
V
CS High to Amplifier Off Time
(output goes High-Z)
tOFF
—
200
—
ns
G = +1 V/V, VL = VSS
CS = 0.8VDD to VOUT = 0.1(VDD/2)
CS Low to Amplifier On Time
tON
—2
10
µs
G = +1 V/V, VL = VSS,
CS = 0.2VDD to VOUT = 0.9(VDD/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com