Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP662-E/MF Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP662-E/MF
Description  60 MHz, 6 mA Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP662-E/MF Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP662-E/MF Datasheet HTML 19Page - Microchip Technology MCP662-E/MF Datasheet HTML 20Page - Microchip Technology MCP662-E/MF Datasheet HTML 21Page - Microchip Technology MCP662-E/MF Datasheet HTML 22Page - Microchip Technology MCP662-E/MF Datasheet HTML 23Page - Microchip Technology MCP662-E/MF Datasheet HTML 24Page - Microchip Technology MCP662-E/MF Datasheet HTML 25Page - Microchip Technology MCP662-E/MF Datasheet HTML 26Page - Microchip Technology MCP662-E/MF Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
© 2009 Microchip Technology Inc.
DS22194A-page 23
MCP661/2/3/5
The power de-rating across temperature for an op amp
in a particular package can be easily calculated
(assuming equal power dissipations):
EQUATION 4-5:
Several techniques are available to reduce
ΔTJA for a
given POAmax:
• Lower
θJA
- Use another package
- PCB layout (ground plane, etc.)
- Heat sinks and air flow
• Reduce POAmax
- Increase RL
- Limit IOUT (using RSER)
- Decrease VDD
4.3
Distortion
Differential Gain (DG) and Differential Phase (DP)
refer to the non-linear distortion produced by a NTSC
(or PAL) video component. Table 1-2 and Figure 2-34
show the typical performance of the MCP661,
configured as a gain of +2 amplifier (see Figure 4-10),
when driving one back-matched video load (150
Ω, for
75
Ω cable). Our tests use a sine wave at NTSC’s color
sub-carrier frequency of 3.58 MHz, with a 0.286VP-P
magnitude. The DC input voltage is changed over a
+0.7V range (positive video) or a -0.7V range (negative
video).
DG is the peak-to-peak change in the AC gain
magnitude (color hue), as the DC level (luminance) is
changed, in units of %. DP is the peak-to-peak change
in the AC gain phase (color saturation), as the DC level
(luminance) is changed, in units of °.
4.4
Improving Stability
4.4.1
CAPACITIVE LOADS
Driving large capacitive loads can cause stability
problems for voltage feedback op amps. As the load
capacitance increases, the feedback loop’s phase
margin decreases and the closed-loop bandwidth is
reduced. This produces gain peaking in the frequency
response, with overshoot and ringing in the step
response. A unity gain buffer (G = +1) is the most
sensitive to capacitive loads, though all gains show the
same general behavior.
When driving large capacitive loads with these op
amps (e.g., > 20 pF when G = +1), a small series
resistor at the output (RISO in Figure 4-6) improves the
feedback loop’s phase margin (stability) by making the
output load resistive at higher frequencies. The
bandwidth will be generally lower than the bandwidth
with no capacitive load.
FIGURE 4-6:
Output Resistor, RISO
stabilizes large capacitive loads.
Figure 4-7 gives recommended RISO values for
different capacitive loads and gains. The x-axis is the
normalized load capacitance (CL/GN), where GN is the
circuit’s noise gain. For non-inverting gains, GN and the
Signal Gain are equal. For inverting gains, GN is
1+|Signal Gain| (e.g., -1 V/V gives GN =+2 V/V).
FIGURE 4-7:
Recommended RISO Values
for Capacitive Loads.
After selecting RISO for your circuit, double check the
resulting frequency response peaking and step
response overshoot. Modify RISO’s value until the
response is reasonable. Bench evaluation and
simulations with the MCP661/2/3/5 SPICE macro
model are helpful.
n
θ
JA
TJmax –TA
POAmax ≤
Where:
TJmax = absolute max. junction temperature
RISO
VOUT
CL
RG
RF
RN
MCP66X
1
10
100
1.E-11
1.E-10
1.E-09
1.E-08
Normalized Capacitance; CL/GN (F)
GN = +1
GN ≥ +2
10p
100p
1n
10n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com