Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP662T-E/MF Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP662T-E/MF
Description  60 MHz, 6 mA Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP662T-E/MF Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP662T-E/MF Datasheet HTML 10Page - Microchip Technology MCP662T-E/MF Datasheet HTML 11Page - Microchip Technology MCP662T-E/MF Datasheet HTML 12Page - Microchip Technology MCP662T-E/MF Datasheet HTML 13Page - Microchip Technology MCP662T-E/MF Datasheet HTML 14Page - Microchip Technology MCP662T-E/MF Datasheet HTML 15Page - Microchip Technology MCP662T-E/MF Datasheet HTML 16Page - Microchip Technology MCP662T-E/MF Datasheet HTML 17Page - Microchip Technology MCP662T-E/MF Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
MCP661/2/3/5
DS22194A-page 14
© 2009 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C, VDD = +2.5V to 5.5V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =1kΩ to VL, CL = 20 pF and CS =VSS.
2.5
Time Response
FIGURE 2-35:
Non-inverting Small Signal
Step Response.
FIGURE 2-36:
Non-inverting Large Signal
Step Response.
FIGURE 2-37:
Inverting Small Signal Step
Response.
FIGURE 2-38:
Inverting Large Signal Step
Response.
FIGURE 2-39:
The MCP661/2/3/5 family
shows no input phase reversal with overdrive.
FIGURE 2-40:
Slew Rate vs. Ambient
Temperature.
0
20
40
60
80 100 120 140 160 180 200
Time (ns)
VDD = 5.5V
G = 1
VIN
VOUT
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
100
200
300
400
500
600
700
800
Time (ns)
VDD = 5.5V
G = 1
VIN
VOUT
0
50 100 150 200 250 300 350 400 450 500
Time (ns)
VDD = 5.5V
G = -1
RF = 402Ω
VIN
VOUT
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
100
200
300
400
500
600
Time (ns)
VDD = 5.5V
G = -1
RF = 402Ω
VIN
VOUT
-1
0
1
2
3
4
5
6
7
0123456789
10
Time (µs)
VDD = 5.5V
G = 2
VOUT
VIN
0
5
10
15
20
25
30
35
40
45
50
-50
-25
0
255075
100
125
Ambient Temperature (°C)
Falling Edge
Rising Edge
VDD = 2.5V
VDD = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com