Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC6140 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC6140
Description  Transistor Silicon NPN Epitaxial Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC6140 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC6140 Datasheet HTML 1Page - Toshiba Semiconductor 2SC6140 Datasheet HTML 2Page - Toshiba Semiconductor 2SC6140 Datasheet HTML 3Page - Toshiba Semiconductor 2SC6140 Datasheet HTML 4Page - Toshiba Semiconductor 2SC6140 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC6140
2009-10-15
3
Collector-emitter voltage VCE (V)
10
0.01
0.1
1
Collector current IC (A)
VCE (sat) – IC
0.001
0.01
0.1
1
10
IC – VBE
Base-emitter voltage VBE (V)
0
0.4
0.8
1.6
1.2
1.5
0
0.5
1
−55℃
25℃
Ta=100℃
Ta=100℃
−55℃
25℃
Collector-emitter voltage VCE (V)
IC – VCE
2
0
0
1.5
0.3
0.4
0.8
1.2
1.6
0.6
0.9
1.2
2.4
hFE-IC
10
100
1000
0.001
0.01
0.1
1
10
Collector current IC (A)
0.1
1
10
Collector current IC (A)
VBE (sat) – IC
0.001
0.01
0.1
1
10
−55℃
25℃
Ta=100℃
−55℃
Ta=100℃
25℃
IC – VCE
20
0
0
1.5
0.3
4
8
12
16
0.6
0.9
1.2
24
300
30
IB=1mA
Common emitter
IC/IB = 10
Single Pulse test
Common emitter
VCE = 5 V
Single Pulse test
Common emitter
VCE = 5 V
Single Pulse test
Common emitter
IC/IB = 10
Single Pulse test
25
20
2
3
50
20
30
IB=1mA
10
70
5
10
5
Common emitter
Ta
= 25°C
Single Pulse test
Common emitter
Ta= 25℃
Single Pulse test
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com