Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCR5SC23FE Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TCR5SC23FE
Description  150 mA CMOS Low-Dropout Regulator (Point regulator)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR5SC23FE Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TCR5SC23FE Datasheet HTML 1Page - Toshiba Semiconductor TCR5SC23FE Datasheet HTML 2Page - Toshiba Semiconductor TCR5SC23FE Datasheet HTML 3Page - Toshiba Semiconductor TCR5SC23FE Datasheet HTML 4Page - Toshiba Semiconductor TCR5SC23FE Datasheet HTML 5Page - Toshiba Semiconductor TCR5SC23FE Datasheet HTML 6Page - Toshiba Semiconductor TCR5SC23FE Datasheet HTML 7Page - Toshiba Semiconductor TCR5SC23FE Datasheet HTML 8Page - Toshiba Semiconductor TCR5SC23FE Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TCR5SC15FE~TCR5SC36FE
2008-11-11
4
Output Voltage Accuracy
(VIN = VOUT + 1 V, IOUT = 50 mA, CIN = 0.1 μF, COUT = 1.0 μF, Tj = 25°C)
Product No.
Symbol
Min
Typ.
Max
Unit
TCR5SC15FE
1.47
1.5
1.53
TCR5SC16FE
1.56
1.6
1.64
TCR5SC17FE
1.66
1.7
1.74
TCR5SC18FE
1.76
1.8
1.84
TCR5SC19FE
1.86
1.9
1.94
TCR5SC20FE
1.96
2.0
2.04
TCR5SC21FE
2.05
2.1
2.15
TCR5SC22FE
2.15
2.2
2.25
TCR5SC23FE
2.25
2.3
2.35
TCR5SC24FE
2.35
2.4
2.45
TCR5SC25FE
2.45
2.5
2.55
TCR5SC26FE
2.54
2.6
2.66
TCR5SC27FE
2.64
2.7
2.76
TCR5SC28FE
2.74
2.8
2.86
TCR5SC29FE
2.84
2.9
2.96
TCR5SC30FE
2.94
3.0
3.06
TCR5SC31FE
3.03
3.1
3.17
TCR5SC32FE
3.13
3.2
3.27
TCR5SC33FE
3.23
3.3
3.37
TCR5SC34FE
3.33
3.4
3.47
TCR5SC35FE
3.43
3.5
3.57
TCR5SC36FE
VOUT
3.52
3.6
3.68
V
Dropout Voltage
(IOUT = 50 mA, CIN = 0.1 μF, COUT = 1.0 μF, Tj = 25°C)
Product No.
Symbol
Min
Typ.
Max
Unit
TCR5SC15FE to TCR5SC16FE
⎯
300
500
TCR5SC17FE
⎯
250
400
TCR5SC18FE to TCR5SC19FE
⎯
200
350
TCR5SC20FE to TCR5SC21FE
⎯
150
280
TCR5SC22FE to TCR5SC24FE
⎯
130
250
TCR5SC25FE to TCR5SC36FE
VIN - VOUT
⎯
90
200
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com