Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCR5SC24FE Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TCR5SC24FE
Description  150 mA CMOS Low-Dropout Regulator (Point regulator)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR5SC24FE Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TCR5SC24FE Datasheet HTML 8Page - Toshiba Semiconductor TCR5SC24FE Datasheet HTML 9Page - Toshiba Semiconductor TCR5SC24FE Datasheet HTML 10Page - Toshiba Semiconductor TCR5SC24FE Datasheet HTML 11Page - Toshiba Semiconductor TCR5SC24FE Datasheet HTML 12Page - Toshiba Semiconductor TCR5SC24FE Datasheet HTML 13Page - Toshiba Semiconductor TCR5SC24FE Datasheet HTML 14Page - Toshiba Semiconductor TCR5SC24FE Datasheet HTML 15Page - Toshiba Semiconductor TCR5SC24FE Datasheet HTML 16Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
TCR5SC15FE~TCR5SC36FE
2008-11-11
13
11)
Load Transient Response
Time
t
( 20 μs/div )
TCR5SC18FE (IOUT = 30m to 1mA)
VIN = 2.8 V,
CIN = 0.1 μF, COUT = 1 μF
Time
t
( 10 μs/div )
TCR5SC15FE (IOUT = 1m to 30mA)
VIN = 2.5 V,
CIN = 0.1 μF, COUT = 1 μF
Time
t
( 20 μs/div )
TCR5SC15FE (IOUT = 30m to 1mA)
VIN = 2.5 V,
CIN = 0.1 μF, COUT = 1 μF
Time
t
( 10 μs/div )
TCR5SC15FE (IOUT = 100m to 50mA)
VIN = 2.5 V,
CIN = 0.1 μF, COUT = 1 μF
Time
t
( 10 μs/div )
TCR5SC18FE (IOUT = 1m to 30mA)
VIN = 2.8 V,
CIN = 0.1 μF, COUT = 1 μF
Time
t
( 10 μs/div )
TCR5SC15FE (IOUT = 50m to 100mA)
VIN = 2.5 V,
CIN = 0.1 μF, COUT = 1 μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com