Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCR5SC25FE Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TCR5SC25FE
Description  150 mA CMOS Low-Dropout Regulator (Point regulator)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR5SC25FE Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TCR5SC25FE Datasheet HTML 1Page - Toshiba Semiconductor TCR5SC25FE Datasheet HTML 2Page - Toshiba Semiconductor TCR5SC25FE Datasheet HTML 3Page - Toshiba Semiconductor TCR5SC25FE Datasheet HTML 4Page - Toshiba Semiconductor TCR5SC25FE Datasheet HTML 5Page - Toshiba Semiconductor TCR5SC25FE Datasheet HTML 6Page - Toshiba Semiconductor TCR5SC25FE Datasheet HTML 7Page - Toshiba Semiconductor TCR5SC25FE Datasheet HTML 8Page - Toshiba Semiconductor TCR5SC25FE Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TCR5SC15FE~TCR5SC36FE
2008-11-11
2
List of Products Number and Marking
Marking
Products No.
Marking
Products No.
Marking
TCR5SC15FE
1G5
TCR5SC26FE
2G6
TCR5SC16FE
1G6
TCR5SC27FE
2G7
TCR5SC17FE
1G7
TCR5SC28FE
2G8
TCR5SC18FE
1G8
TCR5SC29FE
2G9
TCR5SC19FE
1G9
TCR5SC30FE
3G0
TCR5SC20FE
2G0
TCR5SC31FE
3G1
TCR5SC21FE
2G1
TCR5SC32FE
3G2
TCR5SC22FE
2G2
TCR5SC33FE
3G3
TCR5SC23FE
2G3
TCR5SC34FE
3G4
TCR5SC24FE
2G4
TCR5SC35FE
3G5
TCR5SC25FE
2G5
TCR5SC36FE
3G6
Absolute Maximum Ratings (Ta
= 25°C)
Characteristics
Symbol
Rating
Unit
Input voltage
VIN
6
V
Control voltage
VCT
-0.3 to 6
V
Output voltage
VOUT
-0.3 to VIN + 0.3
V
Output current
IOUT
150
mA
150
(Note1)
Power dissipation
PD
320
(Note2)
mW
Operation temperature range
Topr
−40 to 85
°C
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Unit Ratintg
Note 2: Rating at mounting on a board
(Glass epoxy board dimension : 30 mm
× 30 mm, Copper pad area : 20 mm
2
)
3 G 0
Example: TCR5SC30FE (3.0 V output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com