Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCR5SC27FE Datasheet(PDF) 11 Page - Toshiba Semiconductor

Part # TCR5SC27FE
Description  150 mA CMOS Low-Dropout Regulator (Point regulator)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR5SC27FE Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button TCR5SC27FE Datasheet HTML 7Page - Toshiba Semiconductor TCR5SC27FE Datasheet HTML 8Page - Toshiba Semiconductor TCR5SC27FE Datasheet HTML 9Page - Toshiba Semiconductor TCR5SC27FE Datasheet HTML 10Page - Toshiba Semiconductor TCR5SC27FE Datasheet HTML 11Page - Toshiba Semiconductor TCR5SC27FE Datasheet HTML 12Page - Toshiba Semiconductor TCR5SC27FE Datasheet HTML 13Page - Toshiba Semiconductor TCR5SC27FE Datasheet HTML 14Page - Toshiba Semiconductor TCR5SC27FE Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
TCR5SC15FE~TCR5SC36FE
2008-11-11
11
7)
Overcurrent Protection Characteristics
8)
Ripple rejection Raito vs. Frequency (Dependence of Capacitors)
Output current
IOUT (mA)
1.0
Pulse width
= 1 ms
0
2.0
2.5
0
100
400
VIN =6.0 V
200
300
Output current
IOUT (mA)
TCR5SC25FE
1.5
1.0
0.5
VIN = 3.5 V
3.0
0
3.0
1.0
0.5
2.5
3.5
0
100
200
400
Output current
IOUT (mA)
300
Pulse width
= 1 ms
2.0
TCR5SC30FE
1.5
VIN = 6.0 V
VIN = 4.0 V
TCR5SC15FE
400
300
200
100
0
0
0.5
1.5
2.0
2.5
VIN = 6.0 V
VIN = 2.5 V
Pulse width
= 1 ms
TCR5SC18FE
Output current
IOUT (mA)
400
300
200
100
0
0
0.5
1.0
1.5
2.0
2.5
VIN = 2.8 V
VIN = 6.0 V
Pulse width
= 1 ms
Frequency
f
(Hz)
300 k
100 k
10 k
1 k
100
10
0
10
20
30
40
50
60
70
80
90
TCR5SC30FE
CIN = 1.0 μF
COUT = 1.0 μF
CIN = none
COUT = 1 μF
CIN = 1.0 μF
COUT = 4.7 μF
VIN = 4.0 V , IOUT = 10 mA,
Vripple = 500 mVp
−p, Ta = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com