Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPC6901A Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TPC6901A
Description  Multi-Chip Transistor Silicon NPN / PNP Epitaxial Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC6901A Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TPC6901A Datasheet HTML 1Page - Toshiba Semiconductor TPC6901A Datasheet HTML 2Page - Toshiba Semiconductor TPC6901A Datasheet HTML 3Page - Toshiba Semiconductor TPC6901A Datasheet HTML 4Page - Toshiba Semiconductor TPC6901A Datasheet HTML 5Page - Toshiba Semiconductor TPC6901A Datasheet HTML 6Page - Toshiba Semiconductor TPC6901A Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TPC6901A
2009-07-06
2
Circuit Configuration
Marking
Note 4: A dot marking identifies the indication of product Labels.
[[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Electrical Characteristics (Ta = 25°C): NPN
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 100 V, IE = 0
⎯
⎯
100
nA
Emitter cut-off current
IEBO
VEB = 7 V, IC = 0
⎯
⎯
100
nA
Collector-emitter breakdown voltage
V (BR) CEO
IC = 10 mA, IB = 0
50
⎯
⎯
V
hFE (1)
VCE = 2 V, IC = 0.1 A
400
⎯
1000
DC current gain
hFE (2)
VCE = 2 V, IC = 0.3 A
200
⎯
⎯
Collector-emitter saturation voltage
VCE (sat)
IC = 300 mA, IB = 6 mA
⎯
⎯
0.17
V
Base-emitter saturation voltage
VBE (sat)
IC = 300 mA, IB = 6 mA
⎯
⎯
1.10
V
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
⎯
5
⎯
pF
Rise time
tr
⎯
35
⎯
Storage time
tstg
⎯
680
⎯
Switching time
Fall time
tf
See Figure 1 circuit diagram.
VCC ≈ 30 V, RL = 100 Ω
IB1 = IB2 = 10 mA
⎯
85
⎯
ns
Electrical Characteristics (Ta = 25°C): PNP
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = −50 V, IE = 0
⎯
⎯
−100
nA
Emitter cut-off current
IEBO
VEB = −7 V, IC = 0
⎯
⎯
−100
nA
Collector-emitter breakdown voltage
V (BR) CEO
IC = −10 mA, IB = 0
−50
⎯
⎯
V
hFE (1)
VCE = −2 V, IC = −0.1 A
200
⎯
500
DC current gain
hFE (2)
VCE = −2 V, IC = −0.3 A
125
⎯
⎯
Collector-emitter saturation voltage
VCE (sat)
IC = −300 mA, IB = −10 mA
⎯
⎯
−0.23
V
Base-emitter saturation voltage
VBE (sat)
IC = −300 mA, IB = −10 mA
⎯
⎯
−1.10
V
Collector output capacitance
Cob
VCB = −10 V, IE = 0, f = 1 MHz
⎯
8
⎯
pF
Rise time
tr
⎯
60
⎯
Storage time
tstg
⎯
280
⎯
Switching time
Fall time
tf
See Figure 2 circuit diagram.
VCC ≈ -30 V, RL = 100 Ω
IB1 = IB2 = 10 mA
⎯
70
⎯
ns
6
5
4
1
2
3
Part No.
(or abbreviation code)
H6B
Note 4
Lot code (month)
Lot No.
Pin #1
Lot code
(year)
Product-specific code
Q1
(NPN)
Q2
(PNP
)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com