Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPC8041 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TPC8041
Description  Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8041 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPC8041 Datasheet HTML 1Page - Toshiba Semiconductor TPC8041 Datasheet HTML 2Page - Toshiba Semiconductor TPC8041 Datasheet HTML 3Page - Toshiba Semiconductor TPC8041 Datasheet HTML 4Page - Toshiba Semiconductor TPC8041 Datasheet HTML 5Page - Toshiba Semiconductor TPC8041 Datasheet HTML 6Page - Toshiba Semiconductor TPC8041 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TPC8041
2009-09-29
4
100
100
1.6
2
0.8
1
VGS = 10 V
4.5
0.1
100
10
0.1
1
10
1
Ta
= −55°C
25
100
0.1
1
10
0.1
1
10
100
6.5
ID = 13 A
3
0
2
4
6
8
10
0
0.1
0.2
0.3
0.4
0.5
Ta
= −55°C
100
25
1
3
4
6
0
10
20
30
40
50
0
2
5
0
10
20
30
40
50
4
VGS =3.4 V
10
3.8
4.1
0
0.4
0.8
1.2
4.3
8
6
3.6
4.5
5
ID – VDS
3.9
VGS = 3.3 V
8
0
0.2
0.4
0.6
3.5
0
4
12
8
16
20
3.7
6
10
5
4.5
4.1
4.3
4
ID – VDS
ID – VGS
VDS – VGS
|Yfs| – ID
RDS (ON) – ID
Common source
Ta
= 25°C
Pulse test
Common source
Ta
= 25°C
Pulse test
Common source
VDS = 10 V
Pulse test
Common source
Ta
= 25°C
Pulse test
Common source
VDS = 10 V
Pulse test
Common source
Ta
= 25°C
Pulse test
Drain
−source voltage VDS (V)
Drain-source voltage VDS (V)
Gate
−source voltage VGS (V)
Gate
−source voltage VGS (V)
Drain current ID (A)
Drain current ID (A)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com