Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DD212 Datasheet(PDF) 4 Page - Silicon Touch Technology Inc.

Part # DD212
Description  HIGH POWER CHARGE PUMP FOR WHITE LEDS WITH LOW SUPPLY VOLTAGE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DD212 Datasheet(HTML) 4 Page - Silicon Touch Technology Inc.

  DD212 Datasheet HTML 1Page - Silicon Touch Technology Inc. DD212 Datasheet HTML 2Page - Silicon Touch Technology Inc. DD212 Datasheet HTML 3Page - Silicon Touch Technology Inc. DD212 Datasheet HTML 4Page - Silicon Touch Technology Inc. DD212 Datasheet HTML 5Page - Silicon Touch Technology Inc. DD212 Datasheet HTML 6Page - Silicon Touch Technology Inc. DD212 Datasheet HTML 7Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
點晶科技股份有限公司
點晶科技股份有限公司
點晶科技股份有限公司
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
DD212
040712 DD212_pre
-3-
Version
Preliminary
Absolute Maximum Ratings (Unless otherwise noted, TA = 25
°°°°C )
Characteristic
Symbol
Rating
Unit
Supply Voltage
VDD - VSS
-0.3 ~5.5
V
Output Sourcing Current
IDD
700
mA
Power Dissipation
Pd
4.5
mW
Operating Temperature Range
TOPR
-40 ~ 85
°°°°C
Storage Temperature Range
TSTG
-55 ~ 150
°°°°C
Junction Temperature
TJ
160
°°°°C
Recommended Operating Conditions
ITEM
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply Voltage
VDD - VSS
1.5
2.5
5.5
V
External Capacitance
Cext
-
1
-
uF
Electrical Characteristics (Cext=1uF, TA= 25
°C, V
DD= 2.5V )
Characteristic
Symbols
Condition
Min.
Typ.
Max.
Unit
Operating Current
IDD
No external LED,
Cext=0.1uF
-
-
0.75
mA
Output Current for
‘ON’ Cycle
IFON
VF of external LED=3.2V
480
500
520
mA
Time-Average
Output Current
IFAVG
VF of external LED=3.2V
240
250
260
mA
Output Voltage for
‘ON’ Cycle
VLEDAON
No external LED
-
5.0
(x2VDD)
-
V
Output Voltage for
‘OFF’ Cycle
VLEDAOFF
No external LED
-
2.5
(x1VDD)
-
V
Frequency of the
Internal Oscillator
Freq
-
350
-
kHz
Duty Cycle of the
Internal Oscillator
Dt
-
50
-
%
Output Resistance
Ro
4
5
Ω
Ω
Ω
Ω



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com