Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM632 Datasheet(PDF) 13 Page - Silicon Touch Technology Inc.

Part # DM632
Description  16-CHANNEL CONSTANT CURRENT LED DRIVER WITH PROGRAMMABLE PWM OUTPUTS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM632 Datasheet(HTML) 13 Page - Silicon Touch Technology Inc.

Back Button DM632 Datasheet HTML 9Page - Silicon Touch Technology Inc. DM632 Datasheet HTML 10Page - Silicon Touch Technology Inc. DM632 Datasheet HTML 11Page - Silicon Touch Technology Inc. DM632 Datasheet HTML 12Page - Silicon Touch Technology Inc. DM632 Datasheet HTML 13Page - Silicon Touch Technology Inc. DM632 Datasheet HTML 14Page - Silicon Touch Technology Inc. DM632 Datasheet HTML 15Page - Silicon Touch Technology Inc. DM632 Datasheet HTML 16Page - Silicon Touch Technology Inc. DM632 Datasheet HTML 17Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
新竹市科學園區展業一路9號7樓之1
9-7F-1, Prosperity RoadⅠ, Hsin-Chu, Taiwan, R.O.C.
Tel:886-3-5645656
Fax:886-3-5645626
16-channel 16-bit PWM Constant Current LED Driver
Version:A.002
Page 12
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM632
Timing Diagram
1. DCK-DAI, DAO (SOMODE = ”L” at free-running mode, or external GCK mode)
DCK
DAI
DAO
50%
50%
50%
50%
50%
50%
twDCK
twDCK
tsetup(D)
thold(D)
tpLH
tpHL
50%
50%
2. DCK, DAO (SOMODE = “H” at free-running mode)
DAO
50%
50%
50%
50%
twDCK
twDCK
tpLH
tpHL
50%
50%
DCK
3. DCK-LAT
DCK
LAT
50%
50%
50%
tsetup(L)
twLAT
50%
t hold(L)
4. Output to Output Delay Time Unit (n=2,3,4,5,6,7, 10, 11, 12, 13, 14, 15)
OUTn
OUTn-2
50%
50%
t d
5. GCK-OUT0
GCK
OUT0
50%
50%
50%
tpLH
tpHL
50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com