Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM134B Datasheet(PDF) 2 Page - Silicon Touch Technology Inc.

Part # DM134B
Description  16-Bit Constant Current LED Drivers with 3.3v ~ 5v Supply Voltage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM134B Datasheet(HTML) 2 Page - Silicon Touch Technology Inc.

  DM134B Datasheet HTML 1Page - Silicon Touch Technology Inc. DM134B Datasheet HTML 2Page - Silicon Touch Technology Inc. DM134B Datasheet HTML 3Page - Silicon Touch Technology Inc. DM134B Datasheet HTML 4Page - Silicon Touch Technology Inc. DM134B Datasheet HTML 5Page - Silicon Touch Technology Inc. DM134B Datasheet HTML 6Page - Silicon Touch Technology Inc. DM134B Datasheet HTML 7Page - Silicon Touch Technology Inc. DM134B Datasheet HTML 8Page - Silicon Touch Technology Inc. DM134B Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
DM134B
、DM135B
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
16-Bit Constant Current LED Drivers
-1-
Version
:A.006
DM134B、DM135B
16-Bit Constant Current LED Drivers with
3.3v ~ 5v Supply Voltage
General Description
The DM134B、DM135B are constant current drivers specifically designed for LED display
applications. The value of constant current can be varied using an external resistor. The devices
include a 16-bit shift register, latches, and constant current drivers on a single Silicon CMOS
chip.
Features
3.3V~5V CMOS Compatible Input
Maximum Clock Frequency: 25MHz (Cascade Operation)
Maximum Output Voltage:
17V
Package:
DIP24, SOP24, SSOP24, QFN32
Package and Pin Layout:
Pin layout and functionality are similar to those of the ST2221C.
(Each characteristic value is different.)
Constant Current Matching: (Ta = 25
°C、VDD = 5.0V)
Chip-to-Chip:
± 10.0%
Bit-to-Bit:
DM134B:
± 4.0% @ IOUT = 30 ~ 90mA
± 6.0% @ IOUT = 20 ~ 30mA
DM135B:
± 4.0% @ IOUT = 20 ~ 60mA
± 6.0% @ IOUT = 5 ~ 20mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com