Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD178B Datasheet(PDF) 6 Page - Silicon Touch Technology Inc.

Part # FD178B
Description  Single Coil Brushless DC Motor Drivers with Soft-Switching and PWM control ( 2.0 to 6.5 Volts )
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

FD178B Datasheet(HTML) 6 Page - Silicon Touch Technology Inc.

Back Button FD178B Datasheet HTML 2Page - Silicon Touch Technology Inc. FD178B Datasheet HTML 3Page - Silicon Touch Technology Inc. FD178B Datasheet HTML 4Page - Silicon Touch Technology Inc. FD178B Datasheet HTML 5Page - Silicon Touch Technology Inc. FD178B Datasheet HTML 6Page - Silicon Touch Technology Inc. FD178B Datasheet HTML 7Page - Silicon Touch Technology Inc. FD178B Datasheet HTML 8Page - Silicon Touch Technology Inc. FD178B Datasheet HTML 9Page - Silicon Touch Technology Inc. FD178B Datasheet HTML 10Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Single Coil Brushless DC Motor Drivers with Soft-Switching and PWM control( 2.0 to 6.5 Volts )
Version
:A.005
Page
:5
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
FD178/FD178B/FD178C
Application Circuit
OSC
Logic
Block
Soft-Switching
Drivers
AMP
Frequency
Generator
Rotating
Detector
Power
GND
VDD
HP
HN
VSS
O2
O1
FGR
Hall
Sensor
Coil
VDD
1uF
0.1uF
1K ohm
10K ohm
5V
PWM
Output Waveform
PWM
HP
HN
O1
O2
PWM control
PWM
HP
HN
O1
O2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com