Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG808BC45 Datasheet(PDF) 2 Page - Dynex Semiconductor

Part # DG808BC45
Description  Gate Turn-off Thyristor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DG808BC45 Datasheet(HTML) 2 Page - Dynex Semiconductor

  DG808BC45 Datasheet HTML 1Page - Dynex Semiconductor DG808BC45 Datasheet HTML 2Page - Dynex Semiconductor DG808BC45 Datasheet HTML 3Page - Dynex Semiconductor DG808BC45 Datasheet HTML 4Page - Dynex Semiconductor DG808BC45 Datasheet HTML 5Page - Dynex Semiconductor DG808BC45 Datasheet HTML 6Page - Dynex Semiconductor DG808BC45 Datasheet HTML 7Page - Dynex Semiconductor DG808BC45 Datasheet HTML 8Page - Dynex Semiconductor DG808BC45 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SEMICONDUCTOR
DG808BC45
2/12
www.dynexsemi.com
SURGE RATINGS
Symbol
Parameter
Test Conditions
Max.
Units
ITSM
Surge (non repetitive) on-state current
10ms half sine. Tj = 125°C
16.0
kA
I
2t
I
2t for fusing
10ms half sine. Tj = 125°C
1.28
MA
2s
diT/dt
Critical rate of rise of on-state current
VD = 3000V, IT = 3000A, Tj = 125°C, IFG > 40A,
Rise time > 1.0 s
400
A/ s
To 66% VDRM; RGK
1.5 , Tj = 125°C
100
V/ s
dVD/dt
Rate of rise of off-state voltage
To 66% VDRM; VRG
-2V, Tj = 125°C
1000
V/ s
LS
Peak stray inductance in snubber
circuit
IT = 3000A, VD = VDRM, Tj = 125
oC, dI
GQ = 40A/us,
CS = 4.0uF
200
nH
GATE RATINGS
Symbol
Parameter
Test Conditions
Min.
Max.
Units
VRGM
Peak reverse gate voltage
This value may exceeded during turn-off
-
16
V
IFGM
Peak forward gate current
-
100
A
PFG(AV)
Average forward gate power
-
20
W
PRGM
Peak reverse gate power
-
24
kW
diGQ/dt
Rate of rise of reverse gate current
30
60
A/ s
tON(min)
Minimum permissible on time
50
-
s
tOFF(min)
Minimum permissible off time
100
-
s
THERMAL AND MECHANICAL RATINGS
Symbol
Parameter
Test Conditions
Min.
Max.
Units
Double side cooled
DC
-
0.014
°C/W
Anode DC
-
0.0233
°C/W
Rth(j-hs)
Thermal resistance – junction to
heatsink surface
Single side cooled
Cathode DC
-
0.035
°C/W
Rth(c-hs)
Contact thermal resistance
Clamping force 36.0kN
With mounting compound
Per contact
-
0.0036
°C/W
Tvj
Virtual junction temperature
On-state (conducting)
-40
125
°C
Top/Tstg
Operating junction/storage
temperature range
-40
125
°C
Fm
Clamping force
28.0
44.0
kN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com