Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1114C Datasheet(PDF) 2 Page - Silicon Touch Technology Inc.

Part # ST1114C
Description  Double Coil Brushless DC Motor Predriver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

ST1114C Datasheet(HTML) 2 Page - Silicon Touch Technology Inc.

  ST1114C Datasheet HTML 1Page - Silicon Touch Technology Inc. ST1114C Datasheet HTML 2Page - Silicon Touch Technology Inc. ST1114C Datasheet HTML 3Page - Silicon Touch Technology Inc. ST1114C Datasheet HTML 4Page - Silicon Touch Technology Inc. ST1114C Datasheet HTML 5Page - Silicon Touch Technology Inc. ST1114C Datasheet HTML 6Page - Silicon Touch Technology Inc. ST1114C Datasheet HTML 7Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
ST1114C / ST1114L / ST1114M
SP-ST1114CLM-A.008
Version
:A.008
Page
:1
ST1114C / ST1114L / ST1114M
Double Coil Brushless
DC Motor Predriver
General Specifications
These pre-driver devices are designed specifically for electronic commutation of double coil
DC motor applications.
Each device is intended to be as an interface between a HALL IC
and the drivers for larger double coil load.
The main functions built-in devices are such as
lock protection, automatic restart and frequency generating or rotation detecting output.
The output node “O1/O2” control the external drivers of double coil loads. The node “O1”
turns on the output current when V(HIN) is logic low.
Similarly, the node “O2” turns on the
output current when V(HIN) is logic high.
Each device incorporates lock detection circuit to shut down the drivers.
After the motor
locking is released, the IC will turn on external drivers by automatic self-restart circuit.
The
device will shut down drivers roughly 1 to 3 seconds after the motor is locked and the
automatic self-restart circuit will try to power up the drivers about 250ms per 1 to 3 seconds.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com