Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1114L Datasheet(PDF) 7 Page - Silicon Touch Technology Inc.

Part # ST1114L
Description  Double Coil Brushless DC Motor Predriver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

ST1114L Datasheet(HTML) 7 Page - Silicon Touch Technology Inc.

  ST1114L Datasheet HTML 1Page - Silicon Touch Technology Inc. ST1114L Datasheet HTML 2Page - Silicon Touch Technology Inc. ST1114L Datasheet HTML 3Page - Silicon Touch Technology Inc. ST1114L Datasheet HTML 4Page - Silicon Touch Technology Inc. ST1114L Datasheet HTML 5Page - Silicon Touch Technology Inc. ST1114L Datasheet HTML 6Page - Silicon Touch Technology Inc. ST1114L Datasheet HTML 7Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
ST1114C / ST1114L / ST1114M
SP-ST1114CLM-A.008
Version
:A.008
Page
:6
Package Specifications ( SOT-26 )
Dimensions in Millimeters
SYMBOL
MIN
NOM
MAX
A
0.90
1.10
1.30
A1
0.00
-
0.15
A2
0.70
0.80
0.90
b
0.30
0.40
0.50
C
0.08
0.15
0.25
D
2.70
2.90
3.10
E
1.40
1.60
1.90
e
-
1.90(TYP)
-
H
2.60
2.80
3.00
L
0.30
-
-
θ1
0
°
5
°
9
°
(6-pin SOT-26 )
D
E
H
b
A1
e
A
A2
θ1
C
L
Cnnn*
*Note : The "Knnn" is the package marking where the first
character is the product identification code shown
as following table, the next 3 characters "nnn" are
date code or lot number, and therefore being
subject to change.
Product
identification code
ST1114E
E
ST1114K
K
ST1114P
P
The products listed herein are designed for ordinary electronic applications, such as
electrical appliances, audio-visual equipment, communications devices and so on.
Hence, it is advisable that the devices should not be used in medical instruments,
surgical
implants,
aerospace
machinery,
nuclear
power
control
systems,
disaster/crime-prevention equipment and the like. Misusing those products may
directly or indirectly endanger human life, or cause injury and property loss.
Silicon Touch Technology, Inc. will not take any responsibilities regarding the
misusage of the products mentioned above. Anyone who purchases any products
described herein with the above-mentioned intention or with such misused applications
should accept full responsibility and indemnify. Silicon Touch Technology, Inc. and its
distributors and all their officers and employees shall defend jointly and severally
against any and all claims and litigation and all damages, cost and expenses associated
with such intention and manipulation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com