Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1152B Datasheet(PDF) 7 Page - Silicon Touch Technology Inc.

Part # ST1152B
Description  Low-saturation, Low-voltage Bi-directional Motor Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

ST1152B Datasheet(HTML) 7 Page - Silicon Touch Technology Inc.

Back Button ST1152B Datasheet HTML 2Page - Silicon Touch Technology Inc. ST1152B Datasheet HTML 3Page - Silicon Touch Technology Inc. ST1152B Datasheet HTML 4Page - Silicon Touch Technology Inc. ST1152B Datasheet HTML 5Page - Silicon Touch Technology Inc. ST1152B Datasheet HTML 6Page - Silicon Touch Technology Inc. ST1152B Datasheet HTML 7Page - Silicon Touch Technology Inc. ST1152B Datasheet HTML 8Page - Silicon Touch Technology Inc. ST1152B Datasheet HTML 9Page - Silicon Touch Technology Inc. ST1152B Datasheet HTML 10Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ST1152B
Low-saturation, Low-voltage Bi-directional Motor Driver
Version
:A.002
Page 6
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
Package Specification
DIMENSION
(mm)
SYMBOL
MIN.
NOM.
MAX.
A
5.334
A1
0.381
A2
3.175
3.302
3.429
b
1.300
1.500
1.700
b1
0.400
0.480
0.560
D
18.669
19.495
20.320
E
7.366
7.620
7.874
E1
6.223
6.812
7.400
e
2.290
2.540
2.790
eB
8.509
9.017
9.525
L
2.540
3.175
3.810
S
2.390
θ°
0
7
15
D
E 1
E
b1
A1
e
A
θ°
( 14-pin DIP )
L
Seating Plane
b
eB
S
A2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com