Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VM148 Datasheet(PDF) 3 Page - Silicon Touch Technology Inc.

Part # VM148
Description  130mA, 10Bit Current Sinking VCM Driver with I2C Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

VM148 Datasheet(HTML) 3 Page - Silicon Touch Technology Inc.

  VM148 Datasheet HTML 1Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 2Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 3Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 4Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 5Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 6Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 7Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 8Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
SP-VM148
Version
:001
Page
:2
Terminology
Resolution
The DAC resolution is defined by the power factor of 2, which defines the number of
distinct analog levels.
N-bit resolution -> 2N distinct analog levels
Differential Nonlinearity (DNL) error
The variation in analog step sizes away from 1 LSB by any two adjacent codes. Usually,
gain and offset errors have been removed.
Integral Nonlinearity (INL)
It is the deviation of actual transfer response from a straight line. Usually, INL error is
referred to as the maximum INL error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com