Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2225A Datasheet(PDF) 7 Page - Silicon Touch Technology Inc.

Part # ST2225A
Description  LED Display Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

ST2225A Datasheet(HTML) 7 Page - Silicon Touch Technology Inc.

Back Button ST2225A Datasheet HTML 3Page - Silicon Touch Technology Inc. ST2225A Datasheet HTML 4Page - Silicon Touch Technology Inc. ST2225A Datasheet HTML 5Page - Silicon Touch Technology Inc. ST2225A Datasheet HTML 6Page - Silicon Touch Technology Inc. ST2225A Datasheet HTML 7Page - Silicon Touch Technology Inc. ST2225A Datasheet HTML 8Page - Silicon Touch Technology Inc. ST2225A Datasheet HTML 9Page - Silicon Touch Technology Inc. ST2225A Datasheet HTML 10Page - Silicon Touch Technology Inc. ST2225A Datasheet HTML 11Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ST2225A
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
LED Display Driver
-6-
Version:A.025
Operating Ratings
Supply Voltage (V
DD
– V
SS
) ..............................+4.75V to 11V
Ambient Temperature Range (T
A
)..................-40℃ to +85℃
Functional Description
The ST2225A display driver can drive either 4- or 5-digit alphanumeric LED displays. One of
its advantages is its minimal interface requirement with the display or data source.
Data transfer is accomplished by sending clock and serial data signals, without any need of an
external load signal. This method provides a non-multiplexed, direct drive to the LED display. The
data transfer format uses a leading “1” followed by 35 data bits. These 35 data bits are latched after
the 36th has been transferred. In this way, data output (refers to the currently displayed characters)
changes only if the serial data bits differ from those previously transferred.
Display brightness is controlled by the output current for LED displays. A 1nF capacitor should
be connected to brightness control pin to prevent oscillations.
Figure 1 shows the block diagram of this driver. The output current is set via an external
variable resistor, and is typically 27 times greater than the current in brightness control pin.
Input data format, as in Figure 4, shows a leading “1” followed by 35 data bits. When the 36th is
transferred, a LOAD signal is generated synchronously with the clock high state, thus, the 35 bits of
data are loaded into the latches. The low state of the clock is used to generate a RESET signal to
clear all shift registers for the next set of data. To allow continuous operation, all shift registers are
static master-slaves, with no clear for the master portion of the first register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com