Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP14700 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP14700
Description  Dual Input Synchronous MOSFET Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14700 Datasheet(HTML) 1 Page - Microchip Technology

  MCP14700 Datasheet HTML 1Page - Microchip Technology MCP14700 Datasheet HTML 2Page - Microchip Technology MCP14700 Datasheet HTML 3Page - Microchip Technology MCP14700 Datasheet HTML 4Page - Microchip Technology MCP14700 Datasheet HTML 5Page - Microchip Technology MCP14700 Datasheet HTML 6Page - Microchip Technology MCP14700 Datasheet HTML 7Page - Microchip Technology MCP14700 Datasheet HTML 8Page - Microchip Technology MCP14700 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
© 2009 Microchip Technology Inc.
DS22201A-page 1
MCP14700
Features
• Independent PWM Input Control for High-Side
and Low-Side Gate Drive
• Input Logic Level Threshold 3.0V TTL Compatible
• Dual Output MOSFET Drive for Synchronous
Applications
• High Peak Output Current: 2A (typical)
• Internal Bootstrap Blocking Device
• +36V BOOT Pin Maximum Rating
• Low Supply Current: 45 µA (typical)
• High Capacitive Load Drive Capability:
- 3300 pF in 10.0 ns (typical)
• Input Voltage Undervoltage Lockout Protection
• Overtemperature Protection
• Space Saving Packages:
-8-Lead SOIC
- 8-Lead 3x3 DFN
Applications
• 3-Phase BLDC Motor Control
• High Efficient Synchronous DC/DC Buck
Converters
• High Current Low Output Voltage Synchronous
DC/DC Buck Converters
• High Input Voltage Synchronous DC/DC Buck
Converters
• Core Voltage Supplies for Microprocessors
General Description
The
MCP14700
is
a
high-speed
synchronous
MOSFET driver designed to optimally drive a high-side
and low-side N-Channel MOSFET. The MCP14700
has two PWM inputs to allow independent control of the
external N-Channel MOSFETs. Since there is no
internal cross conduction protection circuitry the
external MOSFET dead time can be tightly controlled
allowing for more efficient systems or unique motor
control algorithms.
The transition thresholds for the PWM inputs are
typically 1.6V on a rising PWM input signal and typically
1.2V on a falling PWM input signal. This makes the
MCP14700 ideally suited for controllers that utilize 3.0V
TTL/CMOS logic. The PWM inputs are internally pulled
low ensuring the output drive signals are low if the
inputs are floating.
The HIGHDR and LOWDR peak source current
capability of the MCP14700 device is typically 2A.
While the HIGHDR can sink 2A peak typically, the
LOWDR can sink 3.5A peak typically. The low
resistance pull-up and pull-down drive allow the
MCP14700 to quickly transition a 3300 pF load in
typically 10 ns. Bootstrapping for the high-side drive is
internally implemented which allows for a reduced
system cost and design complexity.
The MCP14700 features under voltage lock out
(UVLO)
with
a
typical
hysteresis
of
500 mV.
Overtemperature protection with hysteresis is also
featured on the device.
Package Types
MCP14700
3x3 DFN*
PWMLO
PWMHI
GND
BOOT
VCC
1
2
3
4
8
7
6
5 LOWDR
HIGHDR
PHASE
* Includes Exposed Thermal Pad (EP); see Table 3-1.
EP
9
MCP14700
SOIC
PWMLO
PWMHI
GND
BOOT
VCC
1
2
3
4
8
7
6
5 LOWDR
HIGHDR
PHASE
Dual Input Synchronous MOSFET Driver


Similar Part No. - MCP14700

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP14700-E/MF MICROCHIP-MCP14700-E/MF Datasheet
688Kb / 28P
Dual Input Synchronous MOSFET Driver
11/29/12
MCP14700-E/SN MICROCHIP-MCP14700-E/SN Datasheet
688Kb / 28P
Dual Input Synchronous MOSFET Driver
11/29/12
MCP14700T MICROCHIP-MCP14700T Datasheet
688Kb / 28P
Dual Input Synchronous MOSFET Driver
11/29/12
MCP14700T-E/MF MICROCHIP-MCP14700T-E/MF Datasheet
688Kb / 28P
Dual Input Synchronous MOSFET Driver
11/29/12
MCP14700T-E/SN MICROCHIP-MCP14700T-E/SN Datasheet
688Kb / 28P
Dual Input Synchronous MOSFET Driver
11/29/12
More results

Similar Description - MCP14700

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6602B INTERSIL-HIP6602B Datasheet
319Kb / 12P
Dual Channel Synchronous Rectified Buck MOSFET Driver
July 22, 2005
HIP6602 INTERSIL-HIP6602 Datasheet
207Kb / 9P
Dual Channel Synchronous-Rectified Buck MOSFET Driver
August 2000
logo
Texas Instruments
TPS51601A TI1-TPS51601A Datasheet
949Kb / 19P
Dual High Efficiency Synchronous MOSFET Driver
logo
Richtek Technology Corp...
RT9625A RICHTEK-RT9625A Datasheet
212Kb / 14P
Dual-Channel Synchronous Rectified MOSFET Driver
RT9625B RICHTEK-RT9625B Datasheet
200Kb / 14P
Dual-Channel Synchronous Rectified MOSFET Driver
logo
Microchip Technology
MCP14700 MICROCHIP-MCP14700_13 Datasheet
688Kb / 28P
Dual Input Synchronous MOSFET Driver
11/29/12
logo
ON Semiconductor
NCP81152 ONSEMI-NCP81152 Datasheet
83Kb / 8P
Synchronous Buck Dual MOSFET Driver
January, 2015 ??Rev. 2
logo
Richtek Technology Corp...
RT9625A RICHTEK-RT9625A_15 Datasheet
175Kb / 14P
Dual-Channel Synchronous Rectified MOSFET Driver
RT9625B RICHTEK-RT9625B_15 Datasheet
166Kb / 14P
Dual-Channel Synchronous Rectified MOSFET Driver
logo
Renesas Technology Corp
RAA220002 RENESAS-RAA220002 Datasheet
298Kb / 17P
Dual Synchronous Rectified Buck MOSFET Driver
Jul.8.19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com