Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP632T-E/MF Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP632T-E/MF
Description  24 MHz, 2.5 mA Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP632T-E/MF Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP632T-E/MF Datasheet HTML 12Page - Microchip Technology MCP632T-E/MF Datasheet HTML 13Page - Microchip Technology MCP632T-E/MF Datasheet HTML 14Page - Microchip Technology MCP632T-E/MF Datasheet HTML 15Page - Microchip Technology MCP632T-E/MF Datasheet HTML 16Page - Microchip Technology MCP632T-E/MF Datasheet HTML 17Page - Microchip Technology MCP632T-E/MF Datasheet HTML 18Page - Microchip Technology MCP632T-E/MF Datasheet HTML 19Page - Microchip Technology MCP632T-E/MF Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
MCP631/2/3/5
DS22197A-page 16
© 2009 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C, VDD = +2.5V to 5.5V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =2kΩ to VL, CL = 50 pF and CS =VSS.
2.6
Chip Select Response
FIGURE 2-41:
CS Current vs. Power
Supply Voltage.
FIGURE 2-42:
CS and Output Voltages vs.
Time with VDD =2.5V.
FIGURE 2-43:
CS and Output Voltages vs.
Time with VDD =5.5V.
FIGURE 2-44:
CS Hysteresis vs. Ambient
Temperature.
FIGURE 2-45:
CS Turn On Time vs.
Ambient Temperature.
FIGURE 2-46:
CS’s Pull-down Resistor
(RPD) vs. Ambient Temperature.
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0.00.5 1.01.5 2.02.5 3.0 3.5 4.04.5 5.05.5
Power Supply Voltage (V)
CS = VDD
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
02468
10
12
14
16
18
20
Time (µs)
VDD = 2.5V
G = 1
VL = 0V
On
CS
VOUT
Off
Off
-1
0
1
2
3
4
5
6
0246
8
10
12
14
16
18
20
Time (µs)
VDD = 5.5V
G = 1
VL = 0V
On
CS
VOUT
Off
Off
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
VDD = 2.5V
VDD = 5.5V
0
1
2
3
4
5
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
VDD = 2.5V
VDD = 5.5V
0
1
2
3
4
5
6
7
8
-50
-25
0
255075
100
125
Ambient Temperature (°C)
Representative Part



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com