Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F8722T-E/PTSQTP Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC18F8722T-E/PTSQTP
Description  64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  446 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F8722T-E/PTSQTP Datasheet(HTML) 3 Page - Microchip Technology

  PIC18F8722T-E/PTSQTP Datasheet HTML 1Page - Microchip Technology PIC18F8722T-E/PTSQTP Datasheet HTML 2Page - Microchip Technology PIC18F8722T-E/PTSQTP Datasheet HTML 3Page - Microchip Technology PIC18F8722T-E/PTSQTP Datasheet HTML 4Page - Microchip Technology PIC18F8722T-E/PTSQTP Datasheet HTML 5Page - Microchip Technology PIC18F8722T-E/PTSQTP Datasheet HTML 6Page - Microchip Technology PIC18F8722T-E/PTSQTP Datasheet HTML 7Page - Microchip Technology PIC18F8722T-E/PTSQTP Datasheet HTML 8Page - Microchip Technology PIC18F8722T-E/PTSQTP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 446 page
background image
© 2008 Microchip Technology Inc.
DS39646C-page 1
PIC18F8722 FAMILY
Power Management Features:
• Run: CPU On, Peripherals On
• Idle: CPU Off, Peripherals On
• Sleep: CPU Off, Peripherals Off
• Ultra Low 50 nA Input Leakage
• Run mode Currents Down to 25
μA Typical
• Idle mode Currents Down to 6.8
μA Typical
• Sleep mode Current Down to 120 nA Typical
• Timer1 Oscillator: 900 nA, 32 kHz, 2V
• Watchdog Timer: 1.6
μA, 2V Typical
• Two-Speed Oscillator Start-up
Flexible Oscillator Structure:
• Four Crystal modes, up to 40 MHz
• 4x Phase Lock Loop (PLL) – Available for Crystal
and Internal Oscillators
• Internal Oscillator Block:
- Fast wake from Sleep and Idle, 1
μs typical
- Provides a complete range of clock speeds
from 31 kHz to 32 MHz when used with PLL
- User-tunable to compensate for frequency drift
• Secondary oscillator using Timer1 @ 32 kHz
• Fail-Safe Clock Monitor:
- Allows for safe shutdown if peripheral clock stops
Peripheral Highlights:
• High-Current Sink/Source 25 mA/25 mA
• Three Programmable External Interrupts
• Four Input Change Interrupts
• Enhanced Capture/Compare/PWM (ECCP)
module (40/44-pin devices only):
- One, two or four PWM outputs
- Programmable dead time
- Auto-shutdown and auto-restart
Peripheral Highlights (Continued):
• Up to 2 Capture/Compare/PWM (CCP) modules,
one with Auto-Shutdown (28-pin devices)
• Master Synchronous Serial Port (MSSP) module
Supporting 3-Wire SPI (all 4 modes) and I2C™
Master and Slave modes
• Enhanced Addressable USART module:
- Supports RS-485, RS-232 and LIN/J2602
- RS-232 operation using internal oscillator
block (no external crystal required)
• 10-Bit, up to 13-Channel Analog-to-Digital (A/D)
Converter module:
- Conversion available during Sleep
• Dual Analog Comparators with Input Multiplexing
• Programmable 16-Level High/Low-Voltage
Detection (HLVD) module
Special Microcontroller Features:
• C Compiler Optimized Architecture
• 100,000 Erase/Write Cycle Enhanced Flash
Program Memory Typical
• 1,000,000 Erase/Write Cycle Data EEPROM
Memory Typical
• Flash/Data EEPROM Retention: 100 Years Typical
• Self-Programmable under Software Control
• Priority Levels for Interrupts
• 8 x 8 Single-Cycle Hardware Multiplier
• Extended Watchdog Timer (WDT):
- Programmable period from 4 ms to 131s
• Single-Supply 5V In-Circuit Serial Programming™
(ICSP™) via Two Pins
• In-Circuit Debug (ICD) via Two Pins
• Wide Operating Voltage Range: 2.0V to 5.5V
• Programmable Brown-out Reset (BOR) with
Software Enable Option
Device
Program Memory
Data Memory
I/O
10-Bit
A/D
(ch)
CCP/
ECCP
(PWM)
MSSP
Flash
(bytes)
# Single-Word
Instructions
SRAM
(bytes)
EEPROM
(bytes)
SPI
Master
I2C™
PIC18F6527
48K
24576
3936
1024
54
12
2/3
2
Y
Y
2
2
2/3
N
PIC18F6622
64K
32768
3936
1024
54
12
2/3
2
Y
Y
2
2
2/3
N
PIC18F6627
96K
49152
3936
1024
54
12
2/3
2
Y
Y
2
2
2/3
N
PIC18F6722
128K
65536
3936
1024
54
12
2/3
2
Y
Y
2
2
2/3
N
PIC18F8527
48K
24576
3936
1024
70
16
2/3
2
Y
Y
2
2
2/3
Y
PIC18F8622
64K
32768
3936
1024
70
16
2/3
2
Y
Y
2
2
2/3
Y
PIC18F8627
96K
49152
3936
1024
70
16
2/3
2
Y
Y
2
2
2/3
Y
PIC18F8722
128K
65536
3936
1024
70
16
2/3
2
Y
Y
2
2
2/3
Y
64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers with
10-Bit A/D and nanoWatt Technology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com