Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6850 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 6850
Description  3-Pin XLR (F), Gold Contacts, Black Nickel Plating
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

6850 Datasheet(HTML) 1 Page - Pomona Electronics

  6850 Datasheet HTML 1Page - Pomona Electronics 6850 Datasheet HTML 2Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Models 6850
3-Pin XLR (F), Gold Contacts, Black Nickel Plating
Model 6850 3-Pin XLR (F), Gold contacts, black nickel plating
Use Pomona XLR’s to connect
your audio applications.
Features
•
Three-pin XLR jack.
•
Black streamlined profile with compact shell.
Rugged construction.
•
Handles 14 AWG (2.0 mm
2 max.).
•
Low contact resistance.
•
Solderable.
USA:
Sales: 800-490-2361 Technical Support: 800-241-
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm),
Materials
•
Body is made of die cast zinc alloy with tarnish
resistant black nickel finish.
•
Contacts are gold-plated brass.
•
Strain relief clamp designed for durability: POM
(Polyoxymethylene).
Ordering Information
Model: 6850
Specifications
Number of contacts
3
Contact resistance
< 3 mΩ
Dielectric strength
1500 V dc
AWG
14 AWG / 2.0 mm
2
max.
Pull strength
45 lbs. (typical)
Cable O.D. range
3.0 mm – 6.5 mm
(0.118” to 0.255”)
2060 Fax: 888-403-3360
Europe:
31-(0) 40 2675 150
International
: 425-446-5500
e-mail:
technicalsupport@pomonatest.com
Where to Buy:
www.pomonaelectronics.com
.xxx = ± .005” (,127 mm). All specifications are to the latest revisions.
Specifications are subject to change without notice. Registered trademarks
are the property of their respective companies.
Copyright © 2004 11/2004 2414872 D-ENG-N Rev A
Page 1 of 2


Similar Part No. - 6850

ManufacturerPart #DatasheetDescription
logo
Master Lock Company LLC...
6850 MASTERLOCK-6850 Datasheet
2Mb / 1P
COMPLETE SCHOOL SECURITY
07/18
logo
Molex Electronics Ltd.
68506-0414 MOLEX8-68506-0414 Datasheet
108Kb / 2P
6.35mm (.250") Tab Micro Relay Socket, Female, 4 Circuits
68506-0511 MOLEX8-68506-0511 Datasheet
110Kb / 2P
6.35mm (.250") Tab Micro Relay Socket, Female, 5 Circuits
68506-0593 MOLEX8-68506-0593 Datasheet
110Kb / 2P
6.35mm (.250") Tab Micro Relay Socket, Female, 5 Circuits
68507-0811 MOLEX8-68507-0811 Datasheet
477Kb / 7P
1.02mm (.040") Tab, Wire-to-Wire Housing, Male, 8 Circuits, Screw Type
More results

Similar Description - 6850

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6853 POMONA-6853 Datasheet
219Kb / 2P
3-Pin XLR (M), Gold Contacts, Black Nickel Shell
6852 POMONA-6852 Datasheet
229Kb / 2P
3-Pin XLR (F), Gold Contacts, Black Nickel Shell
5113A POMONA-5113A Datasheet
134Kb / 1P
XLR (F) 3-Pin Rectangular Flanged Panel Mount
6851 POMONA-6851 Datasheet
196Kb / 2P
3-Pin XLR (M), Gold Contacts, Black Nickel Plating
5126A POMONA-5126A Datasheet
186Kb / 2P
5-Pin XLR (M), Bronze Contacts, Nickel Shell
5125A POMONA-5125A Datasheet
190Kb / 2P
5-Pin XLR (F), Bronze Contacts, Nickel Shell
6856 POMONA-6856 Datasheet
121Kb / 1P
XLR (F/F), XLR (M/M)
7283 POMONA-7283 Datasheet
123Kb / 1P
3-Pin In-Line XLR, Silver Contacts, Nickel Finish
logo
E-SWITCH
06-DR3A10RB E-SWITCH-06-DR3A10RB Datasheet
67Kb / 1P
Gold Over Nickel Plating
06-DR3M16RTR E-SWITCH-06-DR3M16RTR Datasheet
72Kb / 1P
Gold Over Nickel Plating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com