Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSRMLS1R100DM Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # CSRMLS1R100DM
Description  CURRENT SENSE - Molded Current Sense Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

CSRMLS1R100DM Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  CSRMLS1R100DM Datasheet HTML 1Page - American Accurate Components, Inc. CSRMLS1R100DM Datasheet HTML 2Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
American Accurate Components, Inc.
CURRENT SENSE – Molded Current Sense Resistors
The content of this specification may change without notification 1/01/06
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
1
Custom solutions are available.
CSRM-S1/CSRM-P1/CSRM-L1S/CSRM-L2/CRSM-L3 Series
HOW TO ORDER
CSRM
P1
R010
F
M
Packaging
M = tape/reel 1,000 pieces
Tolerance (%)
D = +0.5
F = +1
J = +5
Nominal Resistance
5 milliohm =
10 milliohm =
100 milliohm =
R005
R010
R100
Size (mm)
S1 = 6.3x3.2
P1 = 6.2x4.5
LS1 = 7.5x4.5
L2 = 12.5x6.0
L3 = 14.5x8.0
Series
Current Sense Resistor Molded
SCHEMATIC
CHARACTERISTICS
Dimensions (mm)
Model
Power
Rating
L
±0.5
W1
±0.3
W2
±0.3
H1
±0.3
H2
±0.3
P
± 0.3
Resistance
Range m
Ω
CSRM-S1
1 watt
6.3
3.2
2.5
1.0
0.8
0.8
3 ~ 100
CSRM-P1
1 watt
6.2
4.5
2.5
1.0
0.6
1.2
3 ~ 100
CSRM-LS1
1 watt
7.5
4.5
2.5
2.0
1.1
1.2
3 ~ 510
CSRM-L2
2 watt
12.5
6.0
4.0
3.0
1.5
2.0
5 ~ 1,000
CSRM-L3
3 watt
14.5
8.0
6.0
3.0
1.5
2.0
8 ~ 1,800
PERFORMANCE
Item
Test Method
Operating Temperature Range
-55
°C ~ +155°C for CSRM-S and CSRM-P Series
-55
°C ~ +180°C for CSRM-L Series
Resistance Temperature Characteristics
±100ppm/°C
Overload
±0.5% at rated power x5/second
Insulation Resistance
>100M
Ω at DC 100V
Dielectric withstanding Voltage
±0.2%, AC500V for 1 minute
Resistance to Soldering Heat
±0.5%, 260°C for 5 seconds
Moisture Resistance
±0.5% for 1,000 hours
Load Life
±1.0% for 1,000 hours
DERATING CURVE
FEATURES
Excellent for current sensing applications
Flameproof UL94-V-0 molded polymer case
Resistors has a height as small as 1mm
Non-Inductive for improved frequency characteristics
Resistance tolerance available as precise as + 0.5%
Compact and light weight ideal for surface mounting
Applicable Specs: MIL-R-55342D & MIL-R-202
RoHS Compliant


Similar Part No. - CSRMLS1R100DM

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
CSR MERITEK-CSR Datasheet
389Kb / 7P
Current Sensing Chip Resistor
logo
KOA Speer Electronics, ...
CSR KOA-CSR Datasheet
419Kb / 2P
four-terminal current sense resistor
logo
Riedon Powertron
CSR RIEDON-CSR Datasheet
203Kb / 3P
Power Current Sense Chip Resistor
logo
Stackpole Electronics, ...
CSR SEI-CSR Datasheet
367Kb / 9P
Thick Film Current Sensing Resistor
6/21/202
logo
KITAGAWA GmbH
CSR KGS-CSR Datasheet
307Kb / 1P
Carbon filled silicone based rubber.
More results

Similar Description - CSRMLS1R100DM

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SL1TTE KOA-SL1TTE Datasheet
102Kb / 2P
surface mount molded current sense resistors
logo
American Accurate Compo...
CTL05R015FJM AAC-CTL05R015FJM Datasheet
222Kb / 2P
CURRENT SENSE RESISTORS
logo
Bourns Electronic Solut...
PWR4413 BOURNS-PWR4413 Datasheet
104Kb / 1P
Current Sense Resistors
logo
KOA Speer Electronics, ...
SL1TTE20L0F KOA-SL1TTE20L0F Datasheet
284Kb / 2P
surface mount molded current sense resistors
SL1TTE13L0F KOA-SL1TTE13L0F Datasheet
281Kb / 2P
Surface mount molded current sense resistors
logo
Bourns Electronic Solut...
PWR4413DR050J BOURNS-PWR4413DR050J Datasheet
104Kb / 1P
Current Sense Resistors
logo
KOA Speer Electronics, ...
SL3TTER100F KOA-SL3TTER100F Datasheet
382Kb / 4P
surface mount molded current sense resistors
SL1TTE51L0F KOA-SL1TTE51L0F Datasheet
327Kb / 3P
surface mount molded current sense resistors
SLW07 KOA-SLW07 Datasheet
575Kb / 2P
surface mount molded current sense resistors
TSL KOA-TSL Datasheet
453Kb / 3P
surface mount molded current sense resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com