Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CZT01 Datasheet(PDF) 2 Page - CUI INC

Part # CZT01
Description  incremental encoder
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CZT01 Datasheet(HTML) 2 Page - CUI INC

  CZT01 Datasheet HTML 1Page - CUI INC CZT01 Datasheet HTML 2Page - CUI INC CZT01 Datasheet HTML 3Page - CUI INC CZT01 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
rev.
page
date
DESCRIPTION: incremental encoder
2 of 4
7/2008
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2383
PART NUMBER: CZT01
WEATHER PROOF CHARACTERISTICS
item
test condition
cold proof
After testing at -25° ± 2°C for 96 hours, the
encoder will be allowed to stand under normal
temperature and humidity conditions for 1 hour.
Measurements will be made within 1 hour after
that. Condensation will be eliminated.
hot proof
After testing at 85° ± 2°C for 96 hours, the
encoder will be allowed to stand under normal
temperature and humidity conditions for 1 hour.
Measurements will be made within 1 hour after
that.
moisture resistance
After testing at 40° ± 2°C, 90 ~ 95% RH for 96
hours, the encoder will be allowed to stand
under normal temperature and humidity
conditions for 1 hour. Measurements will be
made within 1 hour after that. Condensation
will be eliminated.
temperature cycling
After 5 cycles of the following conditions, the
encoder will be allowed to stand under normal
temperature and humidity conditions for 1 hour.
Measurements will be made within 1 hour after
that. Condensation will be eliminated.
salt mist
The encoder will be checked after the following
test:
1) Temperature: 35 ± 2°C
2) Salt solution: 5 ± 1% (solids by mass)
Immersion time: 5 minutes
3) After immersing, salt deposit will be removed
by running water.
4) Duration: 2 hours
evaluation standard
After test:
Contact resistance: 5
Ω max.
Insulation resistance: 10 M
Ω min.
The performance requirements
specified in Electrical
Specifications will be satisfied.
No corrosion will be recognized in
the metal sections of the encoder.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com