Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MES3-P Datasheet(PDF) 4 Page - CUI INC

Part # MES3-P
Description  INCREMENTAL ENCODER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

MES3-P Datasheet(HTML) 4 Page - CUI INC

  MES3-P Datasheet HTML 1Page - CUI INC MES3-P Datasheet HTML 2Page - CUI INC MES3-P Datasheet HTML 3Page - CUI INC MES3-P Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
5.0 0.197
0.079
(2 PLCS)
1.457
37.0
2.0
25.0 0.984
8.0 0.315
140.0 5.512
REV.
DESCRIPTION
DATE
A
NEW DRAWING
8/24/2009
NOTES:
1. 8 core (line driver output)
5 core (voltage output, open collector output)
2. twisted 2-3mm soldered tip finish
3. FPC cable (encoder side)
Website: www.cui.com
±0.3mm UNLESS OTHERWISE
A
SPECIFIED
TOLERANCE:
20050 SW 112th Ave.
Tualatin, OR 97062
Phone: 503-612-2300
800-275-4899
Fax: 503-612-2383
RoHS
1:1
SCALE:
ZRJ
I/F BOARD
PART NO.
MM [INCHES]
UNITS:
TITLE:
IF-board
PC FILE NAME:
APPROVED BY:
IF-board
COPYRIGHT 2009 BY CUI INC.
DRAWN BY:
REV:
NOTE 3
NOTE 1 & 2
( 2 PLCS)
6.0
50.0 1.969
33.0
0.236
(2 PLCS)
R
0.051
0.118
3.0
1.3
(TYP)
R
1.220
1.575
31.0
40.0
1.299
500.0 19.685
3.0 0.118
2.00
AWG28
(8 PCS)
5.0 0.196
3.8 0.150
16.5 0.650



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com