Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MES3-100PPC3 Datasheet(PDF) 1 Page - CUI INC

Part # MES3-100PPC3
Description  INCREMENTAL ENCODER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

MES3-100PPC3 Datasheet(HTML) 1 Page - CUI INC

  MES3-100PPC3 Datasheet HTML 1Page - CUI INC MES3-100PPC3 Datasheet HTML 2Page - CUI INC MES3-100PPC3 Datasheet HTML 3Page - CUI INC MES3-100PPC3 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
date
page
SERIES:
DESCRIPTION:
10/2009
1 of 4
INCREMENTAL ENCODER
MES3-XXXPXXX
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2380 www.cui.com
ELECTRONIC SPECIFICATIONS
output waveform
square wave
output signals
A, B, Z phase (voltage output, open collector)
A, B, Z, A, B, Z phase (line driver)
output voltage
VOL ≤ 0.3 V
VOH ≥ VCC ~ 0.3 V
current consumption
≤ 15 mA
output phase difference
A,B phase difference: T/4 ± T/8, Z phase width: T ± 0.5T
supply voltage
3.2 V dc ±5% (open collector)
5 V dc - 5% ~ 12 V dc + 10% (voltage output, open collector)*
5 V dc ±5% (line driver)*
output capacity
20 mA max.
output resolution (ppr)
64, 100
frequency response
100 kHz max.
waveform rise/fall time
≤ 2 μs (output cable 300 mm or less)
MECHANICAL SPECIFICATIONS
max. shaft load
radial;
axial;
0.98 N (100 gf)
0.98 N (100 gf)
starting torque
5 x 10-4 N∙m (5 gf∙cm)
max. rotational speed
6000 rpm
shock resistance
500 m/s2 (50 G), 3 times each on XYZ
vibration proof
1.5 mm ,55 Hz, 2 hours each on XYZ
cable
flexible, 130 mm
weight
5 g (with cable)
ENVIRONMENTAL SPECIFICATIONS
operating temp
0° to +60° C
storage temp
-20° to +80° C
humidity
30~95% no condensation
* Requires I/F interface module (page 4)
PART NUMBER KEY
MES3 - XXX P XXX
Output Options:
P = 3.2 V Open Collector without I/F box
P3 = Option 5 ~ 12 V Voltage Output with I/F box
PC3 = Option 5 ~ 12 V Open Collector with I/F box
PE = Option 5 V Line Driver with I/F box
Output Resolution:
64 = 64 ppr
100 = 100 ppr


Similar Part No. - MES3-100PPC3

ManufacturerPart #DatasheetDescription
logo
CUI INC
MES3-100P3 CUI-MES3-100P3 Datasheet
298Kb / 5P
INCREMENTAL ENCODER
MES3-100PC3 CUI-MES3-100PC3 Datasheet
298Kb / 5P
INCREMENTAL ENCODER
MES3-100PE CUI-MES3-100PE Datasheet
298Kb / 5P
INCREMENTAL ENCODER
More results

Similar Description - MES3-100PPC3

ManufacturerPart #DatasheetDescription
logo
CUI INC
MEH9 CUI-MEH9 Datasheet
78Kb / 3P
incremental encoder
MEH20 CUI-MEH20 Datasheet
80Kb / 3P
incremental encoder
MEH30 CUI-MEH30 Datasheet
76Kb / 3P
incremental encoder
MES9 CUI-MES9 Datasheet
61Kb / 3P
incremental encoder
MES12 CUI-MES12 Datasheet
74Kb / 3P
incremental encoder
MES20 CUI-MES20 Datasheet
73Kb / 3P
incremental encoder
logo
List of Unclassifed Man...
580A316IR-60 ETC2-580A316IR-60 Datasheet
155Kb / 4P
Incremental Encoder
logo
IC-Haus GmbH
IC-WT ICHAUS-IC-WT Datasheet
731Kb / 13P
INCREMENTAL ENCODER
logo
CUI INC
MAS36 CUI-MAS36 Datasheet
47Kb / 1P
Incremental Encoder
MES3 CUI-MES3 Datasheet
298Kb / 5P
INCREMENTAL ENCODER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com