Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F44J10-I/MLQTP Datasheet(PDF) 66 Page - Microchip Technology

Part # PIC18F44J10-I/MLQTP
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-I/MLQTP Datasheet(HTML) 66 Page - Microchip Technology

Back Button PIC18F44J10-I/MLQTP Datasheet HTML 62Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 63Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 64Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 65Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 66Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 67Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 68Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 69Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 368 page
background image
PIC18F45J10 FAMILY
DS39682E-page 64
© 2009 Microchip Technology Inc.
SPBRGH
EUSART Baud Rate Generator Register High Byte
0000 0000
49, 198
SPBRG
EUSART Baud Rate Generator Register Low Byte
0000 0000
49, 198
RCREG
EUSART Receive Register
0000 0000
49, 205
TXREG
EUSART Transmit Register
xxxx xxxx
49, 203
TXSTA
CSRC
TX9
TXEN
SYNC
SENDB
BRGH
TRMT
TX9D
0000 0010
49, 196
RCSTA
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
0000 000x
49, 195
EECON2
EEPROM Control Register 2 (not a physical register)
0000 0000
49, 72
EECON1
—
—
—
FREE
WRERR
WREN
WR
—
---0 x00-
49, 74
IPR3
SSP2IP
BCL2IP
—
—
—
—
—
—
11-- ----
49, 94
PIR3
SSP2IF
BCL2IF
—
—
—
—
—
—
00-- ----
49, 90
PIE3
SSP2IE
BCL2IE
—
—
—
—
—
—
00-- ----
49, 92
IPR2
OSCFIP
CMIP
—
—BCL1IP
—
—
CCP2IP
11-- 1--1
49, 93
PIR2
OSCFIF
CMIF
—
—BCL1IF
—
—
CCP2IF
00-- 0--0
49, 89
PIE2
OSCFIE
CMIE
—
—BCL1IE
—
—
CCP2IE
00-- 0--0
49, 91
IPR1
PSPIP(2)
ADIP
RCIP
TXIP
SSP1IP
CCP1IP
TMR2IP
TMR1IP
1111 1111
49, 92
PIR1
PSPIF(2)
ADIF
RCIF
TXIF
SSP1IF
CCP1IF
TMR2IF
TMR1IF
0000 0000
49, 88
PIE1
PSPIE(2)
ADIE
RCIE
TXIE
SSP1IE
CCP1IE
TMR2IE
TMR1IE
0000 0000
49, 91
TRISE(2)
IBF
OBF
IBOV
PSPMODE
—
TRISE2
TRISE1
TRISE0
0000 -111
50, 112
TRISD(2)
PORTD Data Direction Control Register
1111 1111
50, 107
TRISC
PORTC Data Direction Control Register
1111 1111
50, 104
TRISB
PORTB Data Direction Control Register
1111 1111
50, 101
TRISA
—
—
TRISA5
—
TRISA3
TRISA2
TRISA1
TRISA0
--1- 1111
50, 98
SSP2BUF
MSSP2 Receive Buffer/Transmit Register
xxxx xxxx
50, 158
LATE(2)
—
—
—
—
—
PORTE Data Latch Register
(Read and Write to Data Latch)
---- -xxx
50, 110
LATD(2)
PORTD Data Latch Register (Read and Write to Data Latch)
xxxx xxxx
50, 107
LATC
PORTC Data Latch Register (Read and Write to Data Latch)
xxxx xxxx
50, 104
LATB
PORTB Data Latch Register (Read and Write to Data Latch)
xxxx xxxx
50, 101
LATA
—
—
PORTA Data Latch Register (Read and Write to Data Latch)
--xx xxxx
50, 98
SSP2ADD
MSSP2 Address Register in I2C™ Slave mode. MSSP2 Baud Rate Reload Register in I2C Master mode.
0000 0000
50, 158
SSP2STAT
SMP
CKE
D/A
PS
R/W
UA
BF
0000 0000
50, 150,
160
SSP2CON1
WCOL
SSPOV
SSPEN
CKP
SSPM3
SSPM2
SSPM1
SSPM0
0000 0000
50, 151,
161
SSP2CON2
GCEN
ACKSTAT
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
0000 0000
50, 164
GCEN
ACKSTAT
ADMSK5(3)
ADMSK4(3) ADMSK3(3)
ADMSK2(3)
ADMSK1(3)
SEN
0000 0000
48, 163
PORTE(2)
—
—
—
—
—RE2(2)
RE1(2)
RE0(2)
---- -xxx
50, 110
PORTD(2)
RD7
RD6
RD5
RD4
RD3
RD2
RD1
RD0
xxxx xxxx
50, 107
PORTC
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
xxxx xxxx
50, 104
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
xxxx xxxx
50, 101
PORTA
—
—RA5
—
RA3
RA2
RA1
RA0
--0- 0000
50, 98
TABLE 6-3:
REGISTER FILE SUMMARY (PIC18F24J10/25J10/44J10/45J10) (CONTINUED)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details
on page:
Legend:
x
= unknown, u = unchanged, - = unimplemented, q = value depends on condition
Note
1:
See Section 5.4 “Brown-out Reset (BOR) (PIC18F2XJ10/4XJ10 Devices Only)”.
2:
These registers and/or bits are not implemented on 28-pin devices and are read as ‘0’. Reset values are shown for 40/44-pin devices;
individual unimplemented bits should be interpreted as ‘-’.
3:
Alternate names and definitions for these bits when the MSSP module is operating in I2C™ Slave mode. See Section 16.4.3.2 “Address
Masking”
for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com