Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F44J10-I/ML Datasheet(PDF) 54 Page - Microchip Technology

Part # PIC18F44J10-I/ML
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-I/ML Datasheet(HTML) 54 Page - Microchip Technology

Back Button PIC18F44J10-I/ML Datasheet HTML 50Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 51Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 52Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 53Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 54Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 55Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 56Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 57Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 368 page
background image
PIC18F45J10 FAMILY
DS39682E-page 52
© 2009 Microchip Technology Inc.
6.1.1
HARD MEMORY VECTORS
All PIC18 devices have a total of three hard-coded
return vectors in their program memory space. The
Reset vector address is the default value to which the
program counter returns on all device Resets; it is
located at 0000h.
PIC18 devices also have two interrupt vector
addresses for the handling of high-priority and low-
priority interrupts. The high-priority interrupt vector is
located at 0008h and the low-priority interrupt vector is
at 0018h. Their locations in relation to the program
memory map are shown in Figure 6-2.
FIGURE 6-2:
HARD VECTOR AND
CONFIGURATION WORD
LOCATIONS FOR
PIC18F45J10 FAMILY
DEVICES
6.1.2
FLASH CONFIGURATION WORDS
Because PIC18F45J10 family devices do not have
persistent configuration memory, the top four words of
on-chip program memory are reserved for configuration
information. On Reset, the configuration information is
copied into the Configuration registers.
The Configuration Words are stored in their program
memory location in numerical order, starting with the
lower byte of CONFIG1 at the lowest address and end-
ing with the upper byte of CONFIG4. For these devices,
only
Configuration
Words,
CONFIG1
through
CONFIG3, are used; CONFIG4 is reserved. The actual
addresses of the Flash Configuration Word for devices
in the PIC18F45J10 family are shown in Table 6-1.
Their location in the memory map is shown with the
other memory vectors in Figure 6-2.
Additional details on the device Configuration Words
are provided in Section 21.1 “Configuration Bits”.
TABLE 6-1:
FLASH CONFIGURATION
WORD FOR PIC18F45J10
FAMILY DEVICES
Reset Vector
Low-Priority Interrupt Vector
0000h
0018h
On-Chip
Program Memory
High-Priority Interrupt Vector
0008h
1FFFFFh
(Top of Memory)
(Top of Memory-7)
Flash Configuration Words
Read ‘0’
Legend:
(Top of Memory) represents upper boundary
of on-chip program memory space (see
Figure 6-1 for device-specific values).
Shaded area represents unimplemented
memory. Areas are not shown to scale.
Device
Program
Memory
(Kbytes)
Configuration
Word
Addresses
PIC18F24J10
16
3FF8h to 3FFFh
PIC18F44J10
PIC18F25J10
32
7FF8h to 7FFFh
PIC18F45J10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com